Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM65567AF Datasheet(PDF) 49 Page - ELAN Microelectronics Corp

Part # EM65567AF
Description  66 COM/ 96 SEG 256 Color STN LCD Driver
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65567AF Datasheet(HTML) 49 Page - ELAN Microelectronics Corp

Back Button EM65567AF Datasheet HTML 45Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 46Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 47Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 48Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 49Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 50Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 51Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 52Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 53Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 93 page
background image
Preliminary
EM65567
66 COM/ 96 SEG 256 Color STN LCD Driver
* This specification is subject to be changed without notice.
2003/1/9 (V0.1)
49
Control Register Table (Bank 1)
Note: The “※” mark means “don’t care”
Parentheses [ ] shows address for control register.
CSB RS WRB ROB RE2 RE1 RE0 D7 D6 D5 D4 D3
D2
D1
D0
Gradation palette A0
Set the umber of
(Lower nibble)
[0H]
0
1
0
1
0
0
1
0
0
0
0 PA03 PA02 PA01 PA00 Gradation Palette A0
Gradation palette A0
Set the umber of
(Upper nibble)
[1H]
0
1
0
1
0
0
1
0
0
0
1 ***PA04 Gradation Palette A0
Gradation palette A1
Set the umber of
(Lower nibble)
[2H]
0
1
0
1
0
0
1
0
0
1
0 PA13 PA12 PA11 PA10 Gradation Palette A1
Gradation palette A1
Set the umber of
(Upper nibble)
[3H]
0
1
0
1
0
0
1
0
0
1
1 ***PA14 Gradation Palette A1
Gradation palette A2
Set the umber of
(Lower nibble)
[4H]
0
1
0
1
0
0
1
0
1
0
0 PA23 PA22 PA21 PA20 Gradation Palette A2
Gradation palette A2
Set the umber of
(Upper nibble)
[5H]
0
1
0
1
0
0
1
0
1
0
1 ***PA24 Gradation Palette A2
Gradation palette A3
Set the umber of
(Lower nibble)
[6H]
0
1
0
1
0
0
1
0
1
1
0 PA33 PA32 PA31 PA30 Gradation Palette A3
Gradation palette A3
Set the umber of
(Upper nibble)
[7H]
0
1
0
1
0
0
1
0
1
1
1 ***PA34 Gradation Palette A3
Gradation palette A4
Set the umber of
(Lower nibble)
[8H]
0
1
0
1
0
0
1
1
0
0
0 PA43 PA42 PA41 PA40 Gradation Palette A4
Gradation palette A4
Set the umber of
(Upper nibble)
[9H]
0
1
0
1
0
0
1
1
0
0
1 ***PA44 Gradation Palette A4
Gradation palette A5
Set the umber of
(Lower nibble)
[AH]
0
1
0
1
0
0
1
1
0
1
0 PA53 PA52 PA51 PA50 Gradation Palette A5
Gradation palette A5
Set the umber of
(Upper nibble)
[BH]
0
1
0
1
0
0
1
1
0
1
1 ***PA54 Gradation Palette A5
Gradation palette A6
Set the umber of
(Lower nibble)
[CH]
0
1
0
1
0
0
1
1
1
0
0 PA63 PA62 PA61 PA60 Gradation Palette A6
Gradation palette A6
Set the umber of
(Upper nibble)
[DH]
0
1
0
1
0
0
1
1
1
0
1 ***PA64 Gradation Palette A6
Register Access Control
TS
TST0: for LS1 test,must set to "0"
[FH]
0
1
0
1
0/1
0/1
0/1
1
1
1
1 T0
RE2
RE1
RE0
RE: set register bank number
Address & Code
Function
Pins (for 80-family) & Bank
Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com