Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW6030G Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASW6030G
Description  GaAs DPDT Switch DC - 6.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASW6030G Datasheet(HTML) 1 Page - Tyco Electronics

  MASW6030G Datasheet HTML 1Page - Tyco Electronics MASW6030G Datasheet HTML 2Page - Tyco Electronics MASW6030G Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GaAs DPDT Switch
DC - 6.0 GHz
MASW6030G
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
1
RoHS
Compliant
Features
• Low Insertion Loss, 0.5 dB Typical
• Fast Switching Speed, 4 ns Typical
• Ultra Low DC Power Consumption
• RoHS* Compliant
Description
MA/COM’s MASW6030G is a GaAs MMIC DPDT
switch die. The MASW6030G is ideally used where
low power consumption is required.
Typical
applications
include
transmit
/
receive
switching, switch matrices and switched filter banks,
WLAN IEEE 802.11a and 802.11 b/g systems.
Other applications include cordless phones and
base stations.
Ordering Information
Part Number
Package
MASW6030G
DIE
1
Bond Pad Dimensions
Pad Layout
Control Value (A or B)
0/-8 V
Max Input RF Power
+34 dBm
(0.5 - 6.0 GHz with 0/-8 V CTL)
Storage Temperature
-65°C to +175°C
Max Operating Temperature
+175°C
Parameter
Absolute Maximum
Absolute Maximum Rating
2,3
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
Bond Pad
Dimensions - Inches
(mm)
RF1, RF6
0.005 x 0.005 (0.130 x 0.150)
RF2, RF3, RF4, RF5, A, B
0.004 x 0.004 (0.100 x 0.100)
GND
0.005 x 0.013 (0.130 x 0.320)
RF1 to
RF6 to
A
B
RF2
RF3
RF4
RF5
1
0
On
Off
On
Off
0
1
Off
On
Off
On
Truth Table
4,5
4. 0 = 0 to –0.2 V, 1 = -5 V.
5. When an RF output port is “Off” it is shorted to ground
through an “On” shunt MESFET.
Die Size - Inches (mm)
0.048 x 0.038 x 0.010 (1.220 x 0.970 x 0.250)
Schematic
*Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
1. Die quantity varies.


Similar Part No. - MASW6030G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW6030G MA-COM-MASW6030G Datasheet
71Kb / 4P
GaAs DPDT Switch DC - 6.0 GHz
MASW6030G MA-COM-MASW6030G Datasheet
71Kb / 4P
GaAs DPDT Switch
MASW6030G MA-COM-MASW6030G_15 Datasheet
573Kb / 5P
GaAs DPDT Switch DC - 6.0 GHz
More results

Similar Description - MASW6030G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0094 MACOM-MASWSS0094 Datasheet
141Kb / 5P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASW-007656 MACOM-MASW-007656 Datasheet
142Kb / 6P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASWSS0129 MACOM-MASWSS0129 Datasheet
125Kb / 4P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASWSS0175 MACOM-MASWSS0175 Datasheet
192Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0175 MA-COM-MASWSS0175 Datasheet
87Kb / 4P
GaAs DPDT Diversity Switch DC - 6.0 GHz
MASWSS0094 MA-COM-MASWSS0094 Datasheet
119Kb / 5P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASWSS0129 MA-COM-MASWSS0129 Datasheet
104Kb / 4P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASW6030G MA-COM-MASW6030G Datasheet
71Kb / 4P
GaAs DPDT Switch DC - 6.0 GHz
MASWSS0175-V1-NOV09 MA-COM-MASWSS0175-V1-NOV09 Datasheet
105Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
MASW6030G MA-COM-MASW6030G_15 Datasheet
573Kb / 5P
GaAs DPDT Switch DC - 6.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com