Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW6030G Datasheet(PDF) 3 Page - Tyco Electronics

Part # MASW6030G
Description  GaAs DPDT Switch DC - 6.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASW6030G Datasheet(HTML) 3 Page - Tyco Electronics

  MASW6030G Datasheet HTML 1Page - Tyco Electronics MASW6030G Datasheet HTML 2Page - Tyco Electronics MASW6030G Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GaAs DPDT Switch
DC - 6.0 GHz
MASW6030G
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
3
RoHS
Compliant
Mounting
The MASW6030G is back-metallized with Pd/Ni/Au
(100/1,000, 10,000 Å) metallization.
It can be die-
mounted with AuSn eutectic preforms or with thermally
conductive epoxy. The package surface should be clean
and flat before attachment.
Eutectic Die Attach:
A.
A 80/20 gold/tin preform is recommended with a
work surface temperature of approximately 255°C
and a tool temperature of 265°C. When not 90/10
nitrogen/hydrogen
gas
is
applied,
tool
tip
temperature should be approximately 290°C.
B.
DO NOT expose the MASW6030G to a temperature
greater than 320°C for more than 20 seconds. No
more than 3 seconds for scrubbing should be
required for attachment.
Epoxy Die Attach:
A.
Apply a minimum amount of epoxy and place the
MASW6030G into position. A thin epoxy fillet should
be visible around the perimeter of the chip.
B.
Cure
epoxy
per
manufacturer’s
recommended
schedule.
C.
Electrically conductive epoxy may be used by is not
required.
Wire Bonding
A.
Ball or wedge with 1.0 mil diameter pure gold wire.
Thermosonic wirebonding with a nominal stage
temperature of 150°C and a ball bonding force of 40
to 50 grams or wedge bonding force o1 18 to 22
grams is recommended. Ultrasonic energy and time
should be adjusted to the minimum levels achieve
reliable wirebonds.
B.
Wirebonds should be started on the chip and
terminated on the package.
Handling Precautions
Permanent damage to the MASW6030G may occur if the
following precautions are not adhered to:
A.
Cleaniness—MASW6030G should be handled in a
clean environment. DO NOT attempt to clean unit
after the MASW6030G is installed.
B.
Static Sensitivity—All chip handling equipment and
personnel should be DC grounded.
C.
Transient—Avoid
instrument
and
power
supply
transients while bias is applied to the MASW6030G.
Use shielded signal and bias cables to minimize
inductive pick-up.
D.
Bias—Apply voltage to either of the complementary
control ports only when the other is grounded. No
port should be allowed to “float”.
E.
General Handling—It is recommended that the
MASW6030G chip be handled along the long side of
the die with a sharp pair of bent tweezers. DO NOT
touch the surface of the chip with fingers or
tweezers.
20
30
40
50
60
70
80
01
23
45
67
Frequency (GHz)
Isolation @ 25°C
1.0
1.2
1.4
1.6
1.8
2.0
01
23
45
67
Frequency (GHz)
VSWR @ 25°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com