Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29F004TC-70PD Datasheet(PDF) 13 Page - SPANSION

Part # MBM29F004TC-70PD
Description  FLASH MEMORY CMOS 4 M (512 K X 8) BIT
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F004TC-70PD Datasheet(HTML) 13 Page - SPANSION

Back Button MBM29F004TC-70PD Datasheet HTML 9Page - SPANSION MBM29F004TC-70PD Datasheet HTML 10Page - SPANSION MBM29F004TC-70PD Datasheet HTML 11Page - SPANSION MBM29F004TC-70PD Datasheet HTML 12Page - SPANSION MBM29F004TC-70PD Datasheet HTML 13Page - SPANSION MBM29F004TC-70PD Datasheet HTML 14Page - SPANSION MBM29F004TC-70PD Datasheet HTML 15Page - SPANSION MBM29F004TC-70PD Datasheet HTML 16Page - SPANSION MBM29F004TC-70PD Datasheet HTML 17Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
MBM29F004TC/004BC-70/90
13
Sector Group Protection
The MBM29F004TC/BC features hardware sector group protection. These features will disable both program
and erase operations in any combination of sectors (0 through 10) . The sector group protection feature is enabled
using programming equipment at the user’s site. The device is shipped with all sector group unprotected.
To activate command mode sector group protection, the programming groups equipment must force VID on
address pin A9 and control pin OE, (suggest VID
= 12 V) , CE = VIL, A6 = VIL. The sector addresses (A18, A17,
A16, A15, A14, and A13) should be set to the sector to be protected. Tables 5 and 6 define the sector address for
each of the eleven (11) individual sectors. Programming of the protection circuitry begins on the falling edge of
the WE pulse and is terminated with the rising edge of the same. Sector addresses must be held constant during
the WE pulse. See figures 12 and 20 for sector protection waveforms and algorithm.
To verify programming of the command mode sector protection circuitry, the programming equipment must force
VID on address A9 with CE and OE at VIL and WE at VIH. Scanning the sector addresses (A18, A17, A16, A15, A14,
and A13) while (A6, A5, A1, A0)
= (0, 1, 1, 0) will produce a logical “1” code at device output DQ0 for a protected
sector. Otherwise the device will produce 00h for unprotected sector. In this mode, the lower order addresses,
except for A0, A1, A5, and A6 are DON’T CARES. Address locations with A1
= VIL are reserved for Autoselect
manufacturer and device codes.
The alternate hardware sector protect mode intended only for the programming equipment required force VID
on address pin A9 and control pin OE, (suggest VID
= 12 V) , CE = VIL. The sector addresses (A18, A17, A16, A15,
A14, and A13) should be set to the sector to be protected. Tables 4 and 5 define the sector address for each of
the eleven (11) individual sectors. Programming of the protection circuitry begins on the falling edge of the WE
pulse and is terminated with the rising edge of the same. Sector addresses must be held constant during the
WE pulse. See figures 15 and 23 for sector protection waveforms and algorithm.
To verify programming of the hardware sector protection circuitry, the programming equipment must force VID
on address pin A9 with CE and OE at VIL and WE at VIH. Scanning the sector addresses (A18, A17, A16, A15, A14,
and A13) while (A6, A1, A0)
= (0, 1, 0) will produce a logical “1” code at device output DQ0 for a protected sector.
Otherwise the device will produce 00h for unprotected sector. In this mode, the lower order addresses, except
for A0, A1, and A6 are DON’T CARES. Address locations with A1
= VIL are reserved for Autoselect manufacturer
and device codes.
It is also possible to determine if a sector is protected in the system by writing an Autoselect command. Performing
a read operation at the address location XX02h, where the higher order addresses (A18, A17, A16, A15, A14, and
A13) are the desired sector group address will produce a logical “1” at DQ0 for a protected sector group. See
Tables 3.1 and 3.2 for Autoselect codes.
Temporary Sector Unprotection
This feature allows temporary unprotect of previously protected sector of the MBM29F004TC/BC device in order
to change data. The Temporary Sector Unprotection mode is activated by setting the OE pin to high voltage (12
V) . While OE is at VID, the sector unlock sequence is written to the device. After the sector unlock sequence is
written, the OE pin is taken back to VIH. The device is now in the Temporary Sector Unprotection mode.
While in this mode, formerly protected sectors can be programmed or erased by selecting the appropriate sector
addresses during programming or erase operations. Either sector erase or chip erase operations can be per-
formed in this mode. Exiting the Temporary Sector unprotection mode is accomplished by either removing VCC
from the device or by taking OE back to VID and writing the sector relock sequence. After writing the sector relock
sequence, the OE pin is taken back to VIH and all previously protected sectors will be protected again.
The Temporary Sector Unprotection Status can be used to check whether this mode is in operation or not. The
Temporary Sector Unprotection Status can be executed by setting AO
= AI = VIH (A6 = VIL) during Autoselect mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com