Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29F004TC-70PD Datasheet(PDF) 21 Page - SPANSION

Part # MBM29F004TC-70PD
Description  FLASH MEMORY CMOS 4 M (512 K X 8) BIT
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F004TC-70PD Datasheet(HTML) 21 Page - SPANSION

Back Button MBM29F004TC-70PD Datasheet HTML 17Page - SPANSION MBM29F004TC-70PD Datasheet HTML 18Page - SPANSION MBM29F004TC-70PD Datasheet HTML 19Page - SPANSION MBM29F004TC-70PD Datasheet HTML 20Page - SPANSION MBM29F004TC-70PD Datasheet HTML 21Page - SPANSION MBM29F004TC-70PD Datasheet HTML 22Page - SPANSION MBM29F004TC-70PD Datasheet HTML 23Page - SPANSION MBM29F004TC-70PD Datasheet HTML 24Page - SPANSION MBM29F004TC-70PD Datasheet HTML 25Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
MBM29F004TC/004BC-70/90
21
s ABSOLUTE MAXIMUM RATINGS
*1 : Voltage : GND
= 0 V
*2 : Minimum DC voltage on input and l/O pins are
−0.5 V. During voltage transitions, inputs may undershoot VSS
to
−2.0 V for periods of up to 20 ns. Maximum DC voltage on input and I/O pins are VCC + 0.5 V. During voltage
transitions, inputs may overshoot to VCC
+ 2.0 V for periods of up to 20 ns.
*3 : Minimum DC input voltage on A9 and OE pins are
−0.5 V. During voltage transitions, A9, OE pins are + 13.0 V
which may overshoot to 14.0 V for periods of up to 20 ns. Voltage difference between input voltage and power
supply.
(VIN
− VCC) do not exceed 9 V.
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
s RECOMMENDED OPERATING RANGES
Note : Operating ranges define those limits between which the proper device function is quaranteed.
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Rating
Unit
Min
Max
Storage Temperature
Tstg
−55
+125
°C
Ambient Temperature with Power Applied
TA
−40
+85
°C
Voltage with Respect to Ground All Pins except A9
and OE*1, *2
VIN, VOUT
−2.0
+7.0
V
VCC*1, *2
VCC
−2.0
+7.0
V
A9 and OE*1, *3
VIN
−2.0
+13.5
V
Parameter
Symbol
Part No.
Value
Unit
Min
Typ
Max
Ambient Temperature
TA
MBM29F004TC/BC-70
−20
+70
°C
MBM29F004TC/BC-90
−40
+85
°C
VCC Supply Voltage
VCC
MBM29F004TC/BC-70/-90
+4.5
5.0
+5.5
V
GND
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com