Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFB2426 Datasheet(PDF) 17 Page - Jonard Tools.

Part # DFB2426
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

DFB2426 Datasheet(HTML) 17 Page - Jonard Tools.

Back Button DFB2426 Datasheet HTML 13Page - Jonard Tools. DFB2426 Datasheet HTML 14Page - Jonard Tools. DFB2426 Datasheet HTML 15Page - Jonard Tools. DFB2426 Datasheet HTML 16Page - Jonard Tools. DFB2426 Datasheet HTML 17Page - Jonard Tools. DFB2426 Datasheet HTML 18Page - Jonard Tools. DFB2426 Datasheet HTML 19Page - Jonard Tools. DFB2426 Datasheet HTML 20Page - Jonard Tools. DFB2426 Datasheet HTML 21Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
17
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
INDUSTRIES CORP.
Wire Dispenser - WD-30 Series
I
With 50ft. (15.2m) Roll of
30 AWG (0.25mm) Kynar®
wire-wrapping wire
I
Built-in Plunger cuts
wire to desired length
I
Built-in Stripper strips
1" (25.4mm)
of insulation
I
Refillable
Replacement Rolls of Wire
For WD-30 Series
Wire for wire-wrapping.
30 AWG (0.25mm) Kynar® wire,
50ft. (15.2m) roll, silver plated,
solid conductor easy stripping.
Part No.
Description
WD-30-B
Dispenser with 50’ of Blue wire
WD-30-Y
Dispenser with 50’ of Yellow wire
WD-30-W
Dispenser with 50’ of White wire
WD-30-R
Dispenser with 50’ of Red wire
WD-30-TRI
Dispenser with 50’ each Blue, White and Red wire
WD-30-B
R-30R-0050
WIRE WRAPPING ACCESSORIES
Part No.
Description
R-30B-0050
30 AWG (0.25mm) Blue 50ft. for WD-30-B
R-30Y-0050
30 AWG (0.25mm) Yellow 50ft. for WD-30-Y
R-30W-0050
30 AWG (0.25mm) White 50ft. for WD-30-W
R-30R-0050
30 AWG (0.25mm) Red 50ft. for WD-30-R
R-30-TRI
30 AWG (0.25mm) Red, White, Blue
50ft (15.2m) roll, each color for WD-30-TRI
Pre-Cut and Pre-Stripped Wire Wrapping Wire
I
50 pieces
per package
I
Kynar® insulated
I
Silver plated
copper conductor
I
UL listed
I
1” of stripped wire
on either end
I
Add 2” to the insulation
length (see chart below)
for total length of wire
30 AWG (0.25mm) Pre-Cut/Pre-Stripped Wire 50 Pieces/Pkg.
Insulation
Length
In. mm
White
Yellow
Blue
Red
1
25
30-W-50-010
30-Y-50-010
30-B-50-010
30-R-50-010
2
51
30-W-50-020
30-Y-50-020
30-B-50-020
30-R-50-020
3
76
30-W-50-030
30-Y-50-030
30-B-50-030
30-R-50-030
5
127
30-W-50-050
30-Y-50-050
30-B-50-050
30-R-50-050
KSW Wire Wrapping Wire Rolls for Cut/Strip/Wrap Applications
Low strip force Kynar® insulated silver plated copper conductor wire is further processed to provide a low strip force for use
with CSW bits and sleeves. Ideally suited for wire wrapping and many other applications. OFHC (oxygen free high conductivity)
provides a flexible yet abrasion resistant wire
Wire Size
Insulation Dia.
Roll Size
AWG
mm
In.
mm
Feet Meters
Blue
Yellow
White
Black
Red
24
0.50
.030
0.76
100
30.4
KSW 24B-0100
KSW 24Y-0100
KSW 24W-0100
KSW 24BLK-0100
KSW 24R-0100
26
0.40
.027
0.69
100
30.4
KSW 26B-0100
KSW 26Y-0100
KSW 26W-0100
KSW 26BLK-0100
KSW 26R-0100
28
0.32
.024
0.60
100
30.4
KSW 28B-0100
KSW 28Y-0100
KSW 28W-0100
KSW 28BLK-0100
KSW 28R-0100
30
0.25
.020
0.50
100
30.4
KSW 30B-0100
KSW 30Y-0100
KSW 30W-0100
KSW 30BLK-0100
KSW 30R-0100
1000
304.0
KSW 30B-1000
KSW 30Y-1000
KSW 30W-1000
KSW 30BLK-1000
KSW 30R-1000
KYNAR® Insulated, Silver Plated Copper Conductor
Ideally suited for wire wrapping and many other applications. OFHC (oxygen free high conductivity) provides a flexible yet
abrasion resistant wire
Wire Size
Insulation Dia.
Roll Size
AWG
mm
In.
mm
Feet Meters
Blue
Yellow
White
Black
Red
24
0.50
.030
0.76
100
30.4
R24B-0100
R24Y-0100
R24W-0100
R24BLK-0100
R24R-0100
26
0.40
.027
0.69
100
30.4
R26B-0100
R26Y-0100
R26W-0100
R26BLK-0100
R26R-0100
28
0.32
.024
0.60
100
30.4
R28B-0100
R28Y-0100
R28W-0100
R28BLK-0100
R28R-0100
30
0.25
.020
0.50
100
30.4
R30B-0100
R30Y-0100
R30W-0100
R30BLK-0100
R30R-0100
1000
304.4
R30B-1000
R30Y-1000
R30W-1000
R30BLK-1000
R30R-1000
UL Listed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com