Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFB2426 Datasheet(PDF) 24 Page - Jonard Tools.

Part # DFB2426
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

DFB2426 Datasheet(HTML) 24 Page - Jonard Tools.

Back Button DFB2426 Datasheet HTML 20Page - Jonard Tools. DFB2426 Datasheet HTML 21Page - Jonard Tools. DFB2426 Datasheet HTML 22Page - Jonard Tools. DFB2426 Datasheet HTML 23Page - Jonard Tools. DFB2426 Datasheet HTML 24Page - Jonard Tools. DFB2426 Datasheet HTML 25Page - Jonard Tools. DFB2426 Datasheet HTML 26Page - Jonard Tools. DFB2426 Datasheet HTML 27Page - Jonard Tools. DFB2426 Datasheet HTML 28Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
24
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
INDUSTRIES CORP.
HIGH LEVERAGE DIAGONAL CUTTER
Crafted for heavy-duty wire cutting and made of
specially forged alloy steel designed for strength and
cutting ability. Red plastic handle 8” long
JONARD
P/N
DESCRIPTION
JJIIC
C--22228888
High Leverage Diagonal Cutter
JJIIC
C--668833
SSIID
DEEC
CU
UTTB
B99
PLIERS-HEAVY DUTY
JJIIC
C--22228888
JJIIC
C--6633005500
JJIIC
C--775500
HIGH LEVERAGE CABLE CUTTERS
High leverage design for superior cutting ability.
Designed with a shear-type jaw for cutting
aluminum and soft copper. Not for use on steel or
ACSR type cables. Cuts up to 100-pair cables. Red
plastic handle 9 1/2” long
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
JJIIC
C--6633005500
High Leverage Cable Cutters
3/ 4” COAX CABLE CUTTER
Also known as a Banana Cutter, this cutter is
designed to cut 3/ 4” coaxial cable. Tool cuts cleanly
without compressed or frayed ends. Functions like a
tube cutter – eliminates cable distortion during
cable prep. NOT designed to cut steel cable. Yellow
plastic handles. 8” long
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
JJIIC
C--775500
3/4” Coax Cable Cutter
LINEMAN’S B SIDE CUT PLIERS
Designed for heavy duty use in construction and
maintenance work. These pliers are high leverage for
cutting bolts, nails, and many gauges of wire
including high-strength wire. Cutting edges cut clean
and remain sharp. The cushioned-grip, comfortable
handles are red plastic to approximately .007”. 9 3/8”
long. Also known as SIDECUTB9
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
JJIIC
C--668833
Lineman’s B Side Cut Pliers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com