Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8023 Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # 56F8023
Description  16-bit Digital Signal Controllers
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8023 Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button 56F8023_07 Datasheet HTML 85Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 86Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 87Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 88Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 89Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 90Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 91Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 92Page - Freescale Semiconductor, Inc 56F8023_07 Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 156 page
background image
Register Descriptions
56F8023 Data Sheet, Rev. 3
Freescale Semiconductor
89
Preliminary
Figure 6-15 I/O Short Address Location High Register (SIM_IOSAHI)
6.3.13.1 Reserved—Bits 15—2
This bit field is reserved. Each bit must be set to 0.
6.3.13.2 Input/Output Short Address Location (ISAL[23:22])—Bits 1–0
This field represents the upper two address bits of the “hard coded” I/O short address.
6.3.14 I/O Short Address Location Register Low (SIM_IOSALO)
See Section 6.3.13 for general information about I/O short address location registers.
Figure 6-16 I/O Short Address Location Low Register (SIM_IOSALO)
6.3.14.1 Input/Output Short Address Location (ISAL[21:6])—Bits 15–0
This field represents the lower 16 address bits of the “hard coded” I/O short address.
6.3.15 Protection Register (SIM_PROT)
This register provides write protection of selected control fields for safety-critical applications. The
primary purpose is to prevent unsafe conditions due to the unintentional modification of these fields
between the onset of a code runaway and a reset by the COP watchdog. The GPIO and Internal Peripheral
Select Protection (GIPSP) field protects the contents of registers in the SIM and GPIO modules that control
inter-peripheral signal muxing and GPIO configuration. The Peripheral Clock Enable Protection (PCEP)
field protects the SIM registers’ contents, which contain peripheral clock controls. Some peripherals
provide additional safety features. Refer to the 56F802X and 56F803X Peripheral Reference Manual
for details.
Flexibility is provided so that write protection control values may themselves be optionally locked
(write-protected). Protection controls in this register have two bit values which determine the setting of the
control and whether the value is locked. While a protection control remains unlocked, protection can be
disabled and re-enabled by software. Once a protection control is locked, its value can only be altered by
a chip reset, which restores its default non-locked value.
Base + $10
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
0
0
0
0
0
0
0
ISAL[23:22]
Write
RESET
00000
0
0
0
0
0
0
0
0
0
1
1
Base + $11
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
ISAL[21:6]
Write
RESET
11111
1
1
1
1
1
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com