Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33099 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33099
Description  Adaptive Alternator Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33099 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33099 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33099
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33099 Pin Connections
Table 1. PIN Function Description
Pin Number
Pin Name
Formal Name
Definition
1
GATE
GATE DRIVE
Controls the GATE of the MOSFET to control the alternator field current.
2
BAT
BATTERY
Primary power connection to the system battery.
3
GND
GROUND
Source lamp current and digital ground.
4
LAMP
DRAIN
LAMP DRAIN
Controls the Fault Lamp current.
5
LAMP
GATE
LAMP GATE
Controls the Fault Lamp internal driver as an override function.
6
IGN
IGNITION
Controls the ON or OFF function of the regulator.
7
8
LRC2
LRC1
LOAD RESPONSE
CONTROL 2
LOAD RESPONSE
CONTROL 1
Inputs for selecting the LRC rate.
9
AGND
ANALOG GROUND
Ground connection for analog circuitry.
10
REMOTE
REMOTE
Provides for external Kelvin connection to system battery.
11, 14
NC
NO CONNECT
No internal connection to this pin.
12
LRC TEST
LOAD RESPONSE
CONTROL TEST
Provides acceleration of LRC rate for testing.
13
PHASE
FILTER
PHASE FILTER
Provides access to Phase Resistive Divider for External Phase Filter capacitance.
15
PHASE
PHASE SENSE INPUT
Input for phase voltage.
16
SOURCE
SOURCE
Coupled to source of MOSFET to provide a GATE voltage reference and to monitor
for source shorts to ground.
GATE
GND
LAMP DRAIN
LAMP GATE
IGNITION
LRC2
LRC1
BAT
SOURCE
PHASE
NC
PHASE FILTER
LRC TEST
NC
REMOTE
AGND
2
3
4
5
6
7
8
16
14
13
12
11
10
15
9
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com