Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33099 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33099
Description  Adaptive Alternator Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33099 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33099 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33099 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33099
FUNCTIONAL DESCRIPTION
INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
The 33099 is specifically designed for regulation of an
automotive system voltage using diode-rectified alternator
charging systems commonly found in automotive
applications. The 33099 provides either an analog or digital
duty cycle control of an ON/OFF ratio of an alternator field
current at a fixed frequency. This provides for a Load
Response Control (LRC) of the alternator field current at low
engine RPM to eliminate engine speed hunting and vibration
owing to abrupt torque loading of the engine when a sudden
electrical load is applied to the system. Four LRC rates are
selectable using a combination of pins 7 and 8 being
connected to ground.
The 33099 provides a regulated voltage feedback system
to activate the alternator field current in response to system
load current. The output voltage is monitored by an internal
voltage divider scheme and compared to an internal voltage
ramp referenced to a bandgap voltage. The 33099 regulates
the system voltage to 14.8 V for the DW suffix and to 14.6 V
for the CDW suffix by generating a pulse width modulation
(PWM) voltage waveform at the GATE of an external
MOSFET to provide an average alternator field coil current as
a function of the internal voltage comparison.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com