Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33288 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33288
Description  Solid State Relay for Automotive Flasher Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33288 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33288 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Document Number: MC33288
Rev 6.0, 5/2006
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2006. All rights reserved.
Solid State Relay for
Automotive Flasher
Applications
This device is a Dual High-Side Power Switch dedicated for
automotive flasher applications. In comparison with mechanical
solutions, this device offers higher reliability as well as protection and
diagnostic features.
The device consists of two 25 m
Ω Rdson fully protected high side
switches, in a surface mount power package. It interfaces directly
with a microcontroller and includes a current recopy function in order
to allow the detection of a failed lamp in the application.
Features
• Junction Temperature Range from -40
°C to 150°C
• Operating Voltage Range from 8.0 V to 35 V
• Maximum Breakdown Voltage greater than 40 V
• 25 m
Ω R
DS(ON) per Channel at 25°C
• 8.0 Amps Nominal Current per Channel
• 1.2 W Warning Lamp Driver
• Overtemperature Protection with Hysteresis
• Open Load Detection in ON State
• Current Recopy to Monitor Lamp Output Current
• Standby Current < 10
µA at V
BAT < 14 V
Figure 1. 33288 Simplified Internal Block Diagram
SOLID STATE RELAY
33288
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33288DDH/R2
-40°C to 125°C
20 HSOP
DH SUFFIX
98ASH70273A
20-LEAD HSOP
Simplified Application Diagram
21 W
21 W
5 W
21 W
5 W
1.2 W
21 W
21 W
5 W
21 W
5 W
VPWR
33288
5.0 V
MCU
VBAT
OUT-1
WLP
OUT-2
GND
IN-1
IN-2
ST
Cur R


Similar Part No. - 33288

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3328 ETC-3328 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
logo
Heyco.
3328 HEYCO-3328 Datasheet
84Kb / 1P
Nylon Cable Clamps
logo
KR Electronics, Inc.
3328-SMA KR-3328-SMA Datasheet
57Kb / 3P
865 MHz Bandpass Filter
logo
Aptiv
33283998 APTIV-33283998 Datasheet
241Kb / 2P
CTCS SP SERIES
33284519 APTIV-33284519 Datasheet
241Kb / 2P
CTCS SP SERIES
More results

Similar Description - 33288

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33288 MOTOROLA-MC33288 Datasheet
382Kb / 8P
Solid State Relay for Automotive Flasher Applications
logo
COSMO Electronics Corp...
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
SOLID STATE RELAY
KSD205AC3 COSMO-KSD205AC3 Datasheet
197Kb / 2P
SOLID STATE RELAY
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
fujitsu semiconductor
FBR51-WF FUJITSU-FBR51-WF Datasheet
155Kb / 5P
COMPACT POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE FLASHER LAMP LOAD APPLICATIONS )
FBR51-WR FUJITSU-FBR51-WR Datasheet
49Kb / 5P
COMPACT POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE FLASHER LAMP LOAD APPLICATIONS )
logo
Omron Electronics LLC
G3TBOA202PZDC524 OMRON-G3TBOA202PZDC524 Datasheet
395Kb / 8P
Solid State Relay
logo
Broadcom Corporation.
ASSR-601JV BOARDCOM-ASSR-601JV Datasheet
1Mb / 12P
Automotive Solid State Relay with R2CouplerTM Isolation
logo
Hongfa Technology
HF3628 HONGFA-HF3628 Datasheet
140Kb / 6P
Automotive solid state relay
HF3631 HONGFA-HF3631 Datasheet
123Kb / 2P
AUTOMOTIVE SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com