Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33288 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 33288
Description  Solid State Relay for Automotive Flasher Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33288 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  33288 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33288 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
33288
TERMINAL CONNECTIONS
TERMINAL CONNECTIONS
Figure 2. 33288 Terminal Connections
Table 1. 33288 Terminal Definitions
A functional description of each terminal can be found in the Functional Description section beginning on 7.
Terminal
Number
Terminal
Name
Formal Name
Definition
TAB
VBAT
Supply Voltage
The backside TAB is connected to the power supply of the MC33288DH.
2
CUR R
Load Current Sense
The Current Sense terminal delivers a ratioed amount (1/1000) of the sum of the currents
that can be used to generate signal ground referenced output voltages for use by the
microcontroller.
3
18
IN1
IN2
INPUT Channel 1
INPUT Channel 2
These are the device input terminals which directly control their associated outputs.
4, 9, 10, 11,
12, 17
NC
No Connect
These terminals are not used.
5, 16
DNC
Do Not Connect
These terminals must not be connected.
6, 7, 8
13, 14, 15
OUT1
OUT2
OUTPUT Channel 1
OUTPUT Channel 2
They deliver current to the connected loads and are controlled via the IN1 terminals.
They deliver current to the connected loads and are controlled via the IN2 terminals,
11
GND
Ground
This is the ground terminal of the device.
19
STATUS
Status for Both
Channels
The Fault output is an open drain indication that goes active low when a fault mode
(Openload, Overtemperature) is detected by the device.
20
WLP
Warning Lamp Output
It delivers current through the connected load.
WLP
GND
STATUS
IN2
NC
DNC
OUT2
OUT2
OUT2
NC
NC
CUR R
DNC
OUT1
OUT1
OUT1
NC
NC
IN1
NC
1
2
3
4
5
6
7
8
9
10
20
19
16
15
14
13
12
11
18
17
VBAT
VBAT
21
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com