Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33394 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33394
Description  Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transcelver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33394 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33394 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
33394
7
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
3. ELECTRICAL CHARACTERISTICS (–40
°C ≤ TA ≤ +125°C; +4.0 V ≤ VBAT ≤ +26.5 V using the 33394 typical application
circuit – see Figure 1, unless otherwise noted.)
Characteristic
Symbol
Min.
Typ.
Max.
Unit
DC CHARACTERISTICS:
GENERAL
Start Up Voltage
VBATstart
6.2
V
Power Dissipation, VBAT = 13.3 V (Buck Mode)
1.8
W
Undervoltage Shut Down
VBATUV
3.4
3.9
V
Battery Input Current, Power Down Mode, VIGN = 0 V; REGON = 0 V;
IVKAM = 0 mA, VBAT = 13.3 V; Battery Voltage = 14 V
IVBAT(sleep)
750
1000
µA
Battery Input Current, Keep Alive Mode
VIGN = 0; IVKAM = –10 mA
12
mA
Power On Current, Regulator ON with no load on VDDH, VDD3_3,
VDDL, VKAM, VREF, VPP, VSEN; VBAT = 13.3 V
IVBAT(no load)
27
mA
Battery Input Current, VPRE = –1.0 A, VBAT = 4.5 V
IVBAT(4.5)
2.2
3.0
A
Battery Input Current, VPRE = –1.0 A, VBAT = 9 V
IVBAT(9)
1.5
A
Battery Input Current, VPRE = –1.0 A, VBAT = 13.3 V
IVBAT(13.3)
1.2
A
Battery Input Current, VPRE = –1.0 A, VBAT = 18 V
IVBAT(18)
1.1
A
MODE CONTROL
VIGN Input Voltage Threshold, REGON = 0 V
VBAT = 13.3 V; Battery Voltage = 14 V
VIH
VIL
2.8
1.7
3.15
2.0
3.4
2.3
V
VIGN Hysteresis
0.7
1.0
1.5
V
VIGN Pull–Down Current, REGON = 0V
VBAT = 13.3 V, Battery Voltage = 14 V, VIGN = 14 V
RPD
40
100
150
µA
REGON Input High Voltage Threshold
VIH
1.3
1.65
2.1
V
REGON Input Low Voltage Threshold
VIL
0.8
1.35
1.5
V
REGON Input Voltage Threshold Hysteresis
VIhys
0.2
0.3
0.4
V
REGON Pull–Down Current, REGON = VDDH to VIL(min)
RPD
10
20
50
µA
/SLEEP Input High Voltage Threshold
VIH
1.7
2.2
2.6
V
/SLEEP Input Low Voltage Threshold
VIL
1.4
1.9
2.2
V
/SLEEP Input Voltage Threshold Hysteresis
VIhys
0.2
0.3
0.4
V
/SLEEP Pull–Down Current, /SLEEP = VDDH to VIL(min)
RPD
10
20
50
µA
VPP_EN Input High Voltage Threshold
VIH
1.3
1.65
2.1
V
VPP_EN Input Voltage Low Threshold
VIL
0.8
1.35
1.5
V
VPP_EN Pull–Down Current, VPP_EN = VDDH to VIL(min)
RPD
10
20
50
µA
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com