Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33394 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33394
Description  Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transcelver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33394 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33394 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
33394
8
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
3. ELECTRICAL CHARACTERISTICS (–40
°C ≤ TA ≤ +125°C; +4.0 V ≤ VBAT ≤ +26.5 V using the 33394 typical application
circuit – see Figure 1, unless otherwise noted.)
Characteristic
Symbol
Min.
Typ.
Max.
Unit
DC CHARACTERISTICS:
BUCK CONVERTER
Buck Converter Output Voltage, VBAT = 7.5V to 18V; ILOAD=500mA
VPRE
5.4
5.6
5.8
V
Buck to Boost Mode Threshold Voltage
(Note 1)
VBATthd
6.7
V
Boost to Buck Mode Threshold Voltage
(Note 1)
VBATthu
7.2
V
N–channel power MOSFET SW1
SW1 Drain–Source Breakdown Voltage
(Note 1)
BVDSS
50
V
SW1 Continuous Drain Current
IDSW1
–2.75
A
SW1 Drain–Source Current Limit
IscSW1
–2.5
–3.0
–3.5
A
SW1 Drain–Source On–Resistance; ID = 1.0 A, VBAT = 9.0 V
RDS(on)
300
m
Ω
Error Amplifier (Design Information Only)
Input Offset Voltage
(Note 1)
VOS
20
mV
DC Open Loop Gain
(Note 1)
AVOL
80
dB
Unity Gain Bandwidth
(Note 1)
BW
1.5
MHz
Output Voltage Swing — High Level
(Note 1)
VOH
4.2
V
Output Voltage Swing — Low Level
(Note 1)
VOL
0.4
V
Output Source Current
(Note 1)
IOUT
1.0
mA
Output Sink Current
(Note 1)
IOUT
200
µA
Ramp Generator
Sawtooth Peak Voltage
(Note 1)
VOSC
3.5
V
Sawtooth Peak–to–Peak Voltage
(Note 1)
VOSCp–p
3.0
V
BOOST CONVERTER
External Power MOSFET Gate Drive SW2G
Boost Converter Output Voltage, VBAT = 4.5 V to 6.0 V
(Note 1)
VPRE
5.9
6.0
6.6
V
SW2G Output Voltage, Power MOSFET On
(Note 1)
Vg
VPRE
V
SW2G Source Continuous Current
(Note 1)
Isource
TBD
mA
SW2G Sink Continuous Current
Isink
200
300
400
mA
AC CHARACTERISTICS:
BUCK CONVERTER
Oscillator Frequency
Freq
180
200
220
kHz
SW1 Switch Turn–ON Time
(Note 1)
tT–ON
TBD
ns
SW1 Switch Turn–OFF Time
(Note 1)
tT–OFF
TBD
ns
SW2G Switch Turn–ON Time, Cgate = pF
(Note 1)
tT–ON
TBD
ns
SW2G Switch Turn–OFF Time, Cgate = pF
(Note 1)
tT–OFF
TBD
ns
OFF Time
(Note 1)
tOFF
1.25
µs
Duty cycle
(Note 1)
d
75
%
NOTE:
1. Guaranteed by design but not production tested.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com