Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33882 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33882
Description  Six-Output Low-Side Switch with SPI and Parallel Input Control
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33882 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33882 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33882
PIN CONNECTIONS
Figure 4. QFN Pin Connections
Table 2. QFN Pin Function Description
Pin
Pin Name
Formal Name
Definition
7
26
1
IN0 & IN1
IN2 & IN3
IN4 & IN5
Input 0 & Input 1
Input 2 & Input 3
Input 4 & Input 5
These input pins control two output channels each when the MODE pin is pulled high.
These pins may be connected to pulse width modulated (PWM) outputs of the control
IC while the MODE pin is high. The states of these pins are ignored during normal
operation (MODE pin low) and override the normal inputs (serial or parallel) when the
MODE
pin is high. These pins have internal active 25
µA pull-downs.
2
9
11
13
25
28
30
32
IN6
IN0
IN1
IN2
IN7
IN3
IN4
IN5
Input 0–Input 7
These are parallel input pins. These pins have internal 25
µA active pull-downs.
3
10
12
14
24
27
29
31
OUT6
OUT0
OUT1
OUT2
OUT7
OUT3
OUT4
OUT5
Output 0–Output 7
Each pin is one channel's drain, sinking current for the respective load.
4, 5, 19–22
GND
Ground
Ground continuity is required for the outputs to turn on.
6
VPWR
Load Supply Voltage
This pin is connected to battery voltage. A decoupling capacitor is required from
VPWR to ground.
8
MODE
Mode Select
The MODE pin is connected to the MODE pin of the control IC. This pin has an internal
active 25
µA pull-up.
15
SI
Serial Input
The Serial Input pin is connected to the SPI Serial Data Output pin of the control IC
from where it receives output command data. This input has an internal active 25
µA
pull-down and requires CMOS logic levels.
24
OUT7
GND
GND
GND
SO
CS
VDD
17
23
22
21
20
19
18
GND
IN4 & IN5
GND
GND
VPWR
IN0 & IN1
MODE
IN6
OUT6
1
8
2
3
4
5
6
7
Transparent Top View of Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com