Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33882 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 33882
Description  Six-Output Low-Side Switch with SPI and Parallel Input Control
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33882 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 33882 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
33882
FUNCTIONAL DESCRIPTION
INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
The 33882 incorporates six 1.0 A low-side switches using
both Serial Peripheral Interface (SPI) I /O as well as optional
parallel input control to each output. There are also two low-
power (30 mA) low-side switches with SPI diagnostic
feedback, but parallel-only input control. The 33882
incorporates SMARTMOS technology with CMOS logic,
bipolar/MOS analog circuitry, and DMOS power MOSFETs.
Designed to interface directly with a microcontroller, it
controls inductive or incandescent loads. Each output is
configured as an open drain transistor with dynamic
clamping.
FUNCTIONAL PIN DESCRIPTION
VPWR Pin
The VPWR pin is connected to battery voltage. This supply
is provided for overvoltage shutdown protection and for
added gate drive capabilities. A decoupling capacitor is
required from VPWR to ground.
IN0 & IN1, IN2 & IN3, and IN4 & IN5 Pins
These input pins control two output channels each when
the MODE pin is pulled high: IN0 & IN1 controls OUT0 and
OUT1, IN2 & IN3 controls OUT2 and OUT3, while IN4 & IN5
controls OUT4 and OUT5. These pins may be connected to
PWM outputs of the control IC and pulled high or pulled low
to control output channel states while the MODE pin is high.
The states of these pins are ignored during normal operation
(MODE pin low) and override the normal inputs (serial or
parallel) when the MODE pin is high. These pins have internal
active 25
µA pull-downs.
MODE Pin
The MODE pin is connected to the MODE pin of the control
IC. This pin has an internal active 25
µA pull-up. When pulled
high, the MODE pin does the following:
• Disables all serial control of the outputs while still reading
any serial input commands.
• Disables parallel inputs IN0, IN1, IN2, IN3, IN4, and IN5
control of the outputs.
• Selects IN0 & IN1, IN2 & IN3, and IN4 & IN5 input pins for
control of OUT0 and OUT1, OUT2 and OUT3, OUT4 and
OUT5, respectively.
• Turns off OUT6 and OUT7.
• Tri-states the SO pin.
IN0 to IN7 Pins
These are parallel input pins connected to output pins of
the control IC. Each parallel input is logic high with the
corresponding SPI control bit to control each output channel.
These pins have internal 25
µA active pull-downs.
OUT0 to OUT7 Pins
Each pin is one channel's low-side switch output. OUT0 to
OUT5 are actively clamped to handle inductive loads.
SI Pin
The Serial Input pin is connected to the SPI Serial Data
Output pin of the control IC from where it receives output
command data. This input has an internal active 25
µA pull-
down and requires CMOS logic levels. The serial data
transmitted on this line is an 8- or 16-bit control command
sent MSB first, controlling the six output channels. Bits A5
through A0 control channels 5 through 0, respectively. Bits
A6 and A7 enable ON open load fault detection on channels
5 through 0. The control IC will ensure that data is available
on the rising edge of SCLK. Each channel has its serial
control bit high with its parallel input to determine its state.
SCLK Pin
The SCLK pin of the control IC is a bit (shift) clock for the
SPI port. It transitions one time per bit transferred when in
operation. It is idle between command transfers. It is 50%
duty cycle and has CMOS levels. This signal is used to shift
data to and from the device. For proper fault reporting
operation, the SCLK input must be low when CS transitions
from high to low.
CS Pin
The CS pin is connected to a chip select output of the
control IC. The control IC controls which device is addressed
by pulling the CS pin of the desired device low, enabling the
SPI communication with the device, while other devices on
the serial link keep their serial outputs tri-stated. This input
has an internal active 25
µA pull-up and requires CMOS logic
levels.
SO Pin
The Serial Output pin is connected to the SPI Serial Data
Input pin of the control IC or to the SI pin of the next device in
a daisy chain. This output will remain tri-stated unless the
device is selected by a low CS pin or the MODE pin goes low.
The output signal generated will have CMOS logic levels and
the output data will transition on the falling edges of SCLK.
The serial output data provides fault information for each
output and is returned MSB first when the device is
addressed. Fault bit assignments for return data are as
follows: MSB-0 through MSB-7 are output fault bits for OUT7
to OUT0, respectively. In 8-bit SPI mode, under normal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com