Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33884 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33884
Description  Switch Monitor Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33884 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33884 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33884
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33884 Pin Connections
Table 1. 33884 Pin Definitions
Pin Number
Pin Name
Formal Name
Definitions
1
VDD
Voltage Power
This pin is 5.0 V logic supply.
2
SO
Serial Output
This pin is the SPI data out.
3
SI
Serial Input
This pin provides data input.
4
SP1
Switch Input One
This pin senses inputs programmed to read switch-to-ground (battery) supply contacts.
5
SG1
Switch-to-Ground Inputs
One
This pin is one of six and are switch-to-ground inputs only.
6
SG2
Switch-to-Ground Inputs
Two
This pin is one of six and are switch-to-ground inputs only.
7
SG3
Switch-to-Ground Inputs
Three
This pin is one of six and are switch-to-ground inputs only.
8
SB1
Switch-to Battery One
This pin is one of two, and senses inputs only.
9
SP2
Switch Input Two
This pin senses inputs programmed to read switch-to-ground (battery) supply contacts.
10
MASL
Master/Slave
This pin identifies which device will be master and which will be slave.
11
VPWR
Voltage Power
This pin is the power source.
12
VSS
Voltage SS
This pin is a ground.
13
RST
Reset
This pin is active low reset input to the device.
14
SYNC
Synchronization
This pin is used by the slave IC during the Polling mode.
15
INT
Interrupt
This pin is an interrupt output from the device.
16
SP3
Switch Input Three
This pin senses inputs programmed to read switch-to-ground (battery) supply contacts.
17
SB2
Switch-to-Battery Two
This pin is one of two, and senses inputs only.
18
SG4
Switch-to-Ground Inputs
Four
This pin is one of six and are switch-to-ground inputs only.
19
SG5
Switch-to-Ground Inputs
Five
This pin is one of six and are switch-to-ground inputs only.
20
SG6
Switch-to-Ground Inputs
Four
This pin is one of six and are switch-to-ground inputs only.
21
SP4
Switch Input One
This pin senses inputs programmed to read switch-to-ground (battery) supply contacts.
22
VBG
Bandgap Voltage
This pin....
SCLK
SG6
SG5
SG4
SB2
SP3
INT
SYNC
RST
CS
VBG
SP4
VDD
SG1
SG2
SG3
SB1
SP2
MASL
VSS
SO
SI
SP1
VPWR
5
6
7
8
9
10
11
12
2
3
4
24
20
19
18
17
16
15
13
23
22
21
14
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com