Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33886 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33886
Description  5.0 A H-Bridge
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33886 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33886 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Freescale Semiconductor, Inc. reserves the right to change the detail specifications,
as may be required, to permit improvements in the design of its products.
Document Number: MC33886
Rev 8.0, 2/2007
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2007. All rights reserved.
5.0 A H-Bridge
The 33886 is a monolithic H-Bridge ideal for fractional horsepower
DC-motor and bi-directional thrust solenoid control. The IC
incorporates internal control logic, charge pump, gate drive, and low
RDS(ON) MOSFET output circuitry. The 33886 is able to control
continuous inductive DC load currents up to 5.0 A. Output loads can
be pulse width modulated (PWM-ed) at frequencies up to 10 kHz.
A Fault Status output reports undervoltage, short circuit, and
overtemperature conditions. Two independent inputs control the two
half-bridge totem-pole outputs. Two disable inputs force the H-Bridge
outputs to tri-state (exhibit high impedance).
The 33886 is parametrically specified over a temperature range of
-40
°C ≤ T
A ≤ 125°C, 5.0 V ≤ V+ ≤ 28 V. The IC can also be operated
up to 40 V with derating of the specifications. The IC is available in a
surface mount power package with exposed pad for heatsinking.
Features
•5.0 V to 40 V Continuous Operation
•120 m
Ω R
DS(ON) H-Bridge MOSFETs
•TTL /CMOS Compatible Inputs
• PWM Frequencies up to 10 kHz
• Active Current Limiting via Internal Constant OFF-Time PWM (with
Temperature-Dependent Threshold Reduction)
• Output Short Circuit Protection
• Undervoltage Shutdown
• Fault Status Reporting
• Pb-Free Packaging Designated by Suffix Code VW
Figure 1. 33886 Simplified Application Diagram
H-BRIDGE
VW SUFFIX (PB-FREE)
DH SUFFIX
98ASH70702A
20-PIN HSOP
33886
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33886DH/R2
-40°C to 125°C
20 HSOP
MC33886VW/R2
5.0 V
MOTOR
MCU
OUT2
OUT1
V+
CCP
AGND
FS
IN1
D1
IN2
D2
33886
IN
OUT
OUT
OUT
OUT
PGND
V+


Similar Part No. - 33886

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33886 FREESCALE-33886 Datasheet
575Kb / 25P
5.0 A H-Bridge
33886 FREESCALE-33886 Datasheet
705Kb / 27P
TTL / CMOS Compatible Inputs PWM Frequencies up to 10 kHz
33886 FREESCALE-33886_07 Datasheet
575Kb / 25P
5.0 A H-Bridge
33886 FREESCALE-33886_11 Datasheet
705Kb / 27P
TTL / CMOS Compatible Inputs PWM Frequencies up to 10 kHz
More results

Similar Description - 33886

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33886 MOTOROLA-MC33886 Datasheet
637Kb / 20P
5.0 A H BRIDGE
logo
Freescale Semiconductor...
MC33926 FREESCALE-MC33926 Datasheet
778Kb / 25P
5.0 A Throttle Control H-Bridge
33931 FREESCALE-33931 Datasheet
1Mb / 21P
5.0 A Throttle Control H-bridge
33886 FREESCALE-33886_07 Datasheet
575Kb / 25P
5.0 A H-Bridge
MC33931 FREESCALE-MC33931_12 Datasheet
883Kb / 26P
5.0 A Throttle Control H-bridge
MC33886PVWR2 FREESCALE-MC33886PVWR2 Datasheet
705Kb / 27P
5.0 A H-Bridge
MC33932VW FREESCALE-MC33932VW Datasheet
960Kb / 28P
5.0 A Throttle Control H-Bridge
MC34932 FREESCALE-MC34932 Datasheet
872Kb / 24P
Dual 5.0 A H-Bridge
logo
NXP Semiconductors
MC33931 NXP-MC33931 Datasheet
1Mb / 26P
5.0 A Throttle Control H-bridge
Rev. 4.0, 10/2012
MC33932 NXP-MC33932 Datasheet
1Mb / 28P
5.0 A Throttle Control H-Bridge
Rev. 5.0, 10/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com