Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33887 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 33887
Description  5.0 A H-Bridge with Load Current Feedback
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33887 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 33887 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33887
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
POWER OUTPUTS (OUT1, OUT2)
Output ON-Resistance (18)
5.0 V
≤ V+ ≤ 28 V, T
J = 25°C
8.0 V
≤ V+ ≤ 28 V, T
J = 150°C
5.0 V
≤ V+ ≤ 8.0 V, T
J = 150°C
RDS(ON)
–
–
–
120
–
–
–
225
300
m
Ω
Active Current Limiting Threshold (via Internal Constant OFF-Time
PWM) on Low-Side MOSFETs (19)
ILIM
5.2
6.5
7.8
A
High-Side Short Circuit Detection Threshold
ISCH
11
–
–
A
Low-Side Short Circuit Detection Threshold
ISCL
8.0
–
–
A
Leakage Current (20)
VOUT = V+
VOUT = Ground
IOUT(LEAK)
–
–
100
30
200
60
µA
Output MOSFET Body Diode Forward Voltage Drop
IOUT = 3.0 A
VF
–
–
2.0
V
Overtemperature Shutdown
Thermal Limit
Hysteresis
TLIM
THYS
175
10
–
–
225
30
°C
HIGH-SIDE CURRENT SENSE FEEDBACK
Feedback Current
IOUT = 0 mA
IOUT = 500 mA
IOUT = 1.5 A
IOUT = 3.0 A
IOUT = 6.0 A
IFB
–
1.07
3.6
7.2
14.4
–
1.33
4.0
8.0
16
600
1.68
4.62
9.24
18.48
µA
mA
mA
mA
mA
FAULT STATUS (21)
Fault Status Leakage Current (22)
VFS = 5.0 V
IFS(LEAK)
–
–
10
µA
Fault Status SET Voltage (23)
IFS = 300 µA
VFS(LOW)
–
–
1.0
V
Notes
18
Output-ON resistance as measured from output to V+ and ground.
19
Active current limitation applies only for the low-side MOSFETs.
20
Outputs switched OFF with D1 or D2.
21
Fault Status output is an open Drain output requiring a pull-up resistor to 5.0 V.
22
Fault Status Leakage Current is measured with Fault Status HIGH and not SET.
23
Fault Status Set Voltage is measured with Fault Status LOW and SET with IFS = 300 µA.
Table 4. STATIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions 5.0 V ≤ V+ ≤ 28 V and -40
°C ≤ T
A ≤ 125°C unless otherwise noted. Typical values
noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com