Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33887 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 33887
Description  5.0 A H-Bridge with Load Current Feedback
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33887 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 33887 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
33887
ELECTRICAL CHARACTERISTICS
TYPICAL SWITCHING WAVEFORMS
Figure 18. Output Voltage and Current vs. Input Voltage at V+ = 12 V,
PMW Frequency of 20 kHz, and Duty Cycle of 50% for a Purely Resistive Load
Figure 19. Output Voltage and Current vs. Input Voltage at V+ = 12 V,
PMW Frequency of 20 kHz, and Duty Cycle of 90% for a Purely Resistive Load
V+=12 V
fPWM=20 kHz Duty Cycle=50%
Output Voltage
(OUT1)
IOUT
Input Voltage
(IN1)
V+=12 V
fPWM=20 kHz Duty Cycle=90%
Output Voltage
(OUT1)
IOUT
Input Voltage
(IN1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com