Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPR083Q Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPR083Q
Description  Proximity Capacitive Touch Sensor Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR083Q Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPR083Q Datasheet HTML 1Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 2Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 3Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 4Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 5Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 6Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 7Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
MPR083
Sensors
Freescale Semiconductor
3
1.1.3
Terminology
The following terms are used to describe front panel interface and capacitive touch sensor technology throughout this document.
Table 2. Terminology
Term
Definition
Touch Sensor
A Touch Sensor is the combination of a Touch Sensor Controller and a connected conductive area
referred to as an electrode.
Touch Sensor Controller
A Touch Sensor Controller is the intelligent part of a Touch Sensor which measures capacitance and
differentiates between touched and untouched pads.
Key
A Key or Switch is a mechanical device that makes an electrical connection only when pressed.
Touch Pad
A Touch Pad is a type of capacitive sensor that is used for direct replacement of a Key. A capacitive
touch sensor determines touch state by differentiating between high and low capacitances. When
there is a change in the state this can be interpreted in the same way as a mechanical Key.
Encoder
An Encoder is a group of touch pads arranged in a circular shape where the state of each touch pad
is used to determine the direction of rotation around the touch pads.
Rotary
A Rotary is a group of touch pads arranged in a circular shape where the state of each touch pad is
interpreted as an angle along the touch pads.
Slider
A Slider is a group of touch pads arranged in a row where the state of each touch pad is used to
determine the position along the length of the touch pads.
Solid Pad
A Solid or Full Pad is a type of touch pad where exactly one electrode is used
Split Pad
A Split Pad is a type of touch pad where more than one electrode is used. Split Pads are used to
increase the total number of possible touch pads without increasing the electrical connections to the
Touch Sensor Controller.
N-key Lockout
N-Key Lockout refers to the logic that determines how many keys can be simultaneously touched in
a system. For example, 1-key lockout would only allow a single key to be touched before ignoring
all future touches.
N-key rollover
N-Key Rollover refers to the logic that determines how many keys can be pressed in succession
without releasing previous keys. For example, a system with 1-key lockout and 2-key rollover would
allow 2-keys to be pressed in succession but would only report the second key once the first key
was released.
I2C
Inter-Integrated Circuit Communication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com