Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPR083Q Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPR083Q
Description  Proximity Capacitive Touch Sensor Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR083Q Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPR083Q Datasheet HTML 6Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 7Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 9Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 10Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 11Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 12Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 13Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
MPR083
Sensors
10
Freescale Semiconductor
3
Touch Detection
3.1
Introduction
When using a capacitive touch sensor system the raw data must be filtered and interpreted. This process can be done many
different ways but the method used in the MPR083 is explained in this chapter.
3.2
Understanding the Basics
The rotary interface has to distinguish touch status through varying user conditions (different finger sizes in bare hands or gloves)
and environmental conditions (electrical and RF noise, sensor contamination with dirt or moisture).
The rotary circuitry reports touch status as one of the following two conditions:
1.
Rotary untouched
2.
Rotary touched in one of eight positions.
The rotary is only touched in one position, ideally near the middle of one of the eight pads. If a touch occurs between pads,
untouched will be reported.
3.3
Conditional Output Scenarios
Since it is unlikely that in a real world case a single independent touch will occur two specific multi-touch response cases are
outlined. Methods for changing the sensitivity of the device will be discussed in another Chapter, but the important part is that the
sensitivity is determined by the strength of an input signal. If more than one input signal is above the selected sensitivity then the
touch sensor controller interprets this in a specific way. This functionality is broken down into two different cases.
3.3.1
Simultaneous Touches
Any time two touches are detected at the same time the touch sensor controller recognizes this case and accounts for it. Any
time more than one key is pressed the touches are ignored. Thus the touch sensor controller will show the rotary as untouched.
In most cases one of the two electrodes will receive a stronger signal than the other. If the difference in capacitance is statistically
significant between the pad with the stronger signal will be reported.
This functionality is sometimes called 1-Key Lockout.
3.3.2
Sequential Touches
Another case is when one rotary pad is touched and held and a second rotary pad is then touched and held. For this situation
the second touch will be ignored and the first touch will continue to be reported.
If the second touch is released before the first touch then the second touch will be completely ignored. But, if the first touch is
released before the second then the system will report that the first key is released and that the second key is now touched. This
functionality is sometimes called 2-Key Rollover.
3.4
Rotary Configuration Register
The Rotary Configuration Register configures a variety of the MPR083 features. Each of these features is described in following
sections. The I2C slave address of the Rotary Configuration Register is 0x03.
Figure 14. Rotary Configuration Register
7
6
543210
R
RSE
00
ACE
RRBE
RTBE
0
RE
W
Reset:
1
0
000001
= Unimplemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com