Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDN339 Datasheet(PDF) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDN339
Description  N-Channel 2.5 V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

FDN339 Datasheet(HTML) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

  FDN339 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED FDN339 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED FDN339 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED FDN339 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED FDN339 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Typical Characteristics (continued)
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b.
Transient themal response will change depending on the circuit board design.
0.0001
0.001
0.01
0.1
1
10
100
300
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
R
(t) = r(t) * R
R
= 270 °C/W
Duty Cycle, D = t /t
1
2
θJA
θJA
θJA
T - T
= P * R
(t)
θJA
A
J
P(pk)
t1
t 2
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
0
200
400
600
800
1000
04
8
12
16
20
VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
CRSS
COSS
f = 1MHz
VGS = 0 V
0
4
8
12
16
20
0.0001
0.001
0.01
0.1
1
10
100
1000
SINGLE PULSE TIME (SEC)
SINGLE PULSE
RθJA=270
o
C/W
TA=25
o
C
0.01
0.1
1
10
100
0.1
1
10
100
VDS, DRAIN-SOURCE VOLTAGE (V)
VGS = 4.5V
SINGLE PULSE
RθJA = 270
oC/W
TA = 25
oC
DC
10s
100ms
10ms
1ms
1s
RDS(ON) LIMIT
0
1
2
3
4
5
0246
8
10
Qg, GATE CHARGE (nC)
ID = 3A
VDS = 5V
10V
15V
Rev:2023A2
4
N-Channel 2.5 V (D-S) MOSFET
FDN339



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com