Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDN339 Datasheet(PDF) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDN339
Description  N-Channel 2.5 V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

FDN339 Datasheet(HTML) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

  FDN339 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED FDN339 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED FDN339 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED FDN339 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED FDN339 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Notes:
1: RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting
surface of the drain pins. RθJCis guaranteed by design while RθCAis determined by the user's board design.
Scale 1 : 1 on letter size paper
2: Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2.0%
a) 250
°C/W when
mounted on a 0.02 in2
Pad of 2 oz. Cu.
b) 270
°C/W on a minimum
mounting pad of 2 oz. Cu.
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250
µA
20
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250
µA,Referenced to 25°C
14
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 16 V, VGS = 0 V
1
µA
IGSSF
Gate-Body Leakage Current,
Forward
VGS = 8 V, VDS = 0 V
100
nA
IGSSR
Gate-Body Leakage Current,
Reverse
VGS = -8 V, VDS = 0 V
-100
nA
On Characteristics (Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250
µA
0.4
0.85
1.5
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = 250
µA,Referenced to 25°C
-3
mV/
°C
RDS(on)
Static Drain-Source
On-Resistance
VGS = 4.5 V, ID = 3 A
VGS = 2.5 V, ID = 2.4 A
29
39
38
50
Ω
ID(on)
On-State Drain Current
VGS = 4.5 V, VDS = 5 V
10
A
gFS
Forward Transconductance
VDS = 5 V, ID = 3 A
11
S
Dynamic Characteristics
Ciss
Input Capacitance
700
pF
Coss
Output Capacitance
175
pF
Crss
Reverse Transfer Capacitance
VDS = 10 V, VGS = 0 V,
f = 1.0 MHz
85
pF
Switching Characteristics (Note 2)
td(on)
Turn-On Delay Time
8
16
ns
tr
Turn-On Rise Time
10
18
ns
td(off)
Turn-Off Delay Time
18
29
ns
tf
Turn-Off Fall Time
VDD = 10 V, ID = 1 A,
VGS = 4.5 V, RGEN = 6
Ω
5
10
ns
Qg
Total Gate Charge
7
10
nC
Qgs
Gate-Source Charge
1.2
nC
Qgd
Gate-Drain Charge
VDS = 10 V, ID = 3 A,
VGS = 4.5 V
1.9
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
0.42
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 0.42 A
(Note
2)
0.65
1.2
V
Rev:2023A2
2
m
N-Channel 2.5 V (D-S) MOSFET
FDN339



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com