Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33926 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33926
Description  5.0 A Throttle Control H-Bridge
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33926 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33926 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Document Number: MC33926
Rev. 4.0, 12/2006
Freescale Semiconductor
Product Preview
© Freescale Semiconductor, Inc., 2007. All rights reserved.
*This document contains certain information on a product under development. Free-
scale reserves the right to change or discontinue this product without notice
5.0 A Throttle Control H-Bridge
The 33926 is a monolithic H-Bridge Power IC designed primarily
for automotive electronic throttle control, but is applicable to any low-
voltage DC servo motor control application within the current and
voltage limits stated in this specification.
The 33926 is able to control inductive loads with currents up to
5.0 A peak. RMS current capability is subject to the degree of
heatsinking provided to the device package. Internal peak-current
limiting (regulation) is activated at load currents above 6.5 A ± 1.5 A.
Output loads can be pulse width modulated (PWM-ed) at frequencies
up to 20 kHz. A load current feedback feature provides a proportional
(0.24% of the load current) current output suitable for monitoring by a
microcontroller’s A/D input. A Status Flag output reports
undervoltage, overcurrent, and overtemperature fault conditions.
Two independent inputs provide polarity control of two half-bridge
totem-pole outputs. Two independent disable inputs are provided to
force the H-Bridge outputs to tri-state (high impedance off-state). An
input invert input changes the IN1 and IN2 inputs to LOW = true logic.
Features
• 8.0 V to 28 V Continuous Operation (Transient Operation from
5.0 V to 36 V)
• 225 m
Ω maximum R
DS(ON) @ 150°C (each H-Bridge MOSFET)
• 3.0 V and 5.0 V TTL / CMOS Logic Compatible Inputs
• Overcurrent Limiting (Regulation) via Internal Constant-Off-
Time PWM
• Output Short Circuit Protection (Short to VPWR or Ground)
• Temperature-Dependant Current-Limit Threshold Reduction
• All Inputs have an Internal Source/Sink to Define the Default (Floating Input) States
• Sleep Mode with Current Draw < 50 µA (with Inputs Floating or Set to Match Default Logic States)
Figure 1. 33926 Simplified Application Diagram
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
PC33926PNB/R2
- 40°C to 125°C
32 PQFN
SCALE 2:1
PNB SUFFIX
98ARL10579D
32-PIN PQFN
Bottom View
33926
AUTOMOTIVE THROTTLE H-BRIDGE
ACTUATOR/ MOTOR EXCITER
SF
FB
IN1
IN2
INV
SLEW
D1
D2
EN
VPWR
CCP
OUT1
OUT2
PGND
AGND
MCU
33926
VPWR
VDD
MOTOR


Similar Part No. - 33926

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33926 FREESCALE-33926 Datasheet
759Kb / 25P
5.0 A Throttle Control H-Bridge
33926 FREESCALE-33926_09 Datasheet
759Kb / 25P
5.0 A Throttle Control H-Bridge
More results

Similar Description - 33926

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33886 MOTOROLA-MC33886 Datasheet
637Kb / 20P
5.0 A H BRIDGE
logo
Freescale Semiconductor...
MC33926 FREESCALE-MC33926 Datasheet
778Kb / 25P
5.0 A Throttle Control H-Bridge
33926 FREESCALE-33926_09 Datasheet
759Kb / 25P
5.0 A Throttle Control H-Bridge
33931 FREESCALE-33931 Datasheet
1Mb / 21P
5.0 A Throttle Control H-bridge
33932 FREESCALE-33932 Datasheet
1Mb / 21P
5.0 A Throttle Control H-Bridge
MC33931 FREESCALE-MC33931_12 Datasheet
883Kb / 26P
5.0 A Throttle Control H-bridge
MC33886PVWR2 FREESCALE-MC33886PVWR2 Datasheet
705Kb / 27P
5.0 A H-Bridge
MC33932VW FREESCALE-MC33932VW Datasheet
960Kb / 28P
5.0 A Throttle Control H-Bridge
logo
NXP Semiconductors
MC33931 NXP-MC33931 Datasheet
1Mb / 26P
5.0 A Throttle Control H-bridge
Rev. 4.0, 10/2012
MC33932 NXP-MC33932 Datasheet
1Mb / 28P
5.0 A Throttle Control H-Bridge
Rev. 5.0, 10/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com