Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33997 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33997
Description  Switching Power Supply with Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33997 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33997 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
33997
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
12
Timing Diagrams (continued)
Figure 5. VKAMOK Delay Time
Figure 6. VDDH Power-Up Delay Time
Figure 7. Fault-Off Timer Delay Time
tD(VKAMOK)
0
5.0
0
0
0
6.0
VPWR =0V
3.3
TIME
1.25V
3.3
2.0V
tD(VPWR)
0
5.0
0
0
0
18
18
5.0
TIME
0
5.0
0
0
14
5.0
tFault
0
3.3
4.8V
0
3.3
TIME
1.0V
tFault
4.8V
1.0V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com