Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33997 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 33997
Description  Switching Power Supply with Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33997 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 33997 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 20Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
33997
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
16
Cs1, Cs2
33 nF/25 V
Ceramic X7R
Any Manufacturer
Cc1
2.2 nF/16 V
Ceramic X7R
Any Manufacturer
R1, R2
10 k
Ω
Resistor 0805, 5%
Any Manufacturer
R3 (Optional)
2.2
Ω
Resistor 0805, 5%
Any Manufacturer
Rc1
3.6 k
Ω
Resistor 0805, 5%
Any Manufacturer
Lf1
10 µH
CDRH127-100M
or SLF10145-100M2R5
Sumida
TDK
L1
15 µH
CDRH127-150MC
or SLF10145-150M2R2
Sumida
TDK
Q1
1.0 A/20 V
Bipolar Transistor/BCP68T1
ON Semiconductor
D1
2.0 A/50 V
Schottky Diode/SS25
General Semiconductor
Dp1
3.0 A/200 V
Diode/MURS320
ON Semiconductor
Dp2
27 V
Transient Voltage Suppressor/SM5A27
General Semiconductor
Notes
17.
Motorola does not assume liability, endorse, or warrant components from external manufacturers that are referenced in circuit drawings or
tables. While Motorola offers component recommendations in this configuration, it is the customer’s responsibility to validate their application.
Designator
Value/Rating
Description/Part No.
Manufacturer (Note 16)
(Note 17)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com