| Electronic Components Datasheet Search |
|
MPC855TUMD Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC855TUMD Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc |
|
1 / 80 page ![]() © Freescale Semiconductor, Inc., 2004. All rights reserved. Freescale Semiconductor Technical Data This hardware specification contains detailed information on power considerations, DC/AC electrical characteristics, and AC timing specifications for the MPC860 family. 1Overview The MPC860 Power Quad Integrated Communications Controller (PowerQUICC™) is a versatile one-chip integrated microprocessor and peripheral combination designed for a variety of controller applications. It particularly excels in communications and networking systems. The PowerQUICC unit is referred to as the MPC860 in this hardware specification. The MPC860 implements the PowerPC architecture and contains a superset of Freescale’s MC68360 Quad Integrated Communications Controller (QUICC™), referred to here as the QUICC, RISC Communications Proccessor Module (CPM). The CPM from the MC68360 QUICC has been enhanced by the addition of the inter-integrated controller (I2C) channel. The memory controller has been enhanced, enabling the MPC860 to support any type of memory, including high-performance memories and new types of DRAMs. A PCMCIA socket controller supports up to two sockets. A real-time clock has also been integrated. Table 1 shows the functionality supported by the members of the MPC860 family. MPC860EC Rev. 7, 09/2004 Contents 1. Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 2. Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 3. Maximum Tolerated Ratings . . . . . . . . . . . . . . . . . . . 5 4. Thermal Characteristics . . . . . . . . . . . . . . . . . . . . . . . 6 5. Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 6. DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 7. Thermal Calculation and Measurement . . . . . . . . . . . 9 8. Layout Practices . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 9. Bus Signal Timing . . . . . . . . . . . . . . . . . . . . . . . . . . 12 10. IEEE 1149.1 Electrical Specifications . . . . . . . . . . . 41 11. CPM Electrical Characteristics . . . . . . . . . . . . . . . . . 43 12. UTOPIA AC Electrical Specifications . . . . . . . . . . . 67 13. FEC Electrical Characteristics . . . . . . . . . . . . . . . . . 68 14. Mechanical Data and Ordering Information . . . . . . . 71 15. Document Revision History . . . . . . . . . . . . . . . . . . . 77 MPC860 Family Hardware Specifications |
Similar Part No. - MPC855TUMD |
|
Similar Description - MPC855TUMD |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |