Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC866T Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPC866T
Description  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC866T Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPC866T Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC866T Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC866T Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC866T Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC866T Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC866T Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC866T Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC866T Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC866T Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
Freescale Semiconductor
15
Power Supply and Power Sequencing
8
Power Supply and Power Sequencing
This section provides design considerations for the MPC866/859 power supply. The MPC866/859 has a core voltage
(VDDL) and PLL voltage (VDDSYN) that operates at a lower voltage than the I/O voltage VDDH. The I/O section
of the MPC866/859 is supplied with 3.3 V across VDDH and VSS (GND).
Signals PA[0:15], PB[14:31], PC[4:15], PD[3:15], TDI, TDO, TCK, TRST_B, TMS, MII_TXEN, and MII_MDIO
are 5-V tolerant. All inputs cannot be more than 2.5 V greater than VDDH. In addition, 5-V tolerant pins cannot
exceed 5.5 V and the remaining input pins cannot exceed 3.465 V. This restriction applies to power up/down and
normal operation.
One consequence of multiple power supplies is that when power is initially applied the voltage rails ramp up at
different rates. The rates depend on the nature of the power supply, the type of load on each power supply, and the
manner in which different voltages are derived. The following restrictions apply:
•
VDDL must not exceed VDDH during power up and power down.
•
VDDL must not exceed 1.9 V and VDDH must not exceed 3.465 V.
These cautions are necessary for the long term reliability of the part. If they are violated, the electrostatic discharge
(ESD) protection diodes are forward-biased and excessive current can flow through these diodes. If the system
power supply design does not control the voltage sequencing, the circuit shown in Figure 4 can be added to meet
these requirements. The MUR420 Schottky diodes control the maximum potential difference between the external
bus and core power supplies on powerup and the 1N5820 diodes regulate the maximum potential difference on
powerdown.
Figure 4. Example Voltage Sequencing Circuit
9
Layout Practices
Each VDD pin on the MPC866/859 should be provided with a low-impedance path to the board’s supply.
Furthermore, each GND pin should be provided with a low-impedance path to ground. The power supply pins drive
distinct groups of logic on chip. The VDD power supply should be bypassed to ground using at least four 0.1 µF
bypass capacitors located as close as possible to the four sides of the package. Each board designed should be
characterized and additional appropriate decoupling capacitors should be used if required. The capacitor leads and
associated printed-circuit traces connecting to chip VDD and GND should be kept to less than 1/2” per capacitor lead.
At a minimum, a four-layer board employing two inner layers as VDD and GND planes should be used.
All output pins on the MPC866/859 have fast rise and fall times. Printed-circuit (PC) trace interconnection length
should be minimized in order to minimize undershoot and reflections caused by these fast output switching times.
VDDH
VDDL
1N5820
MUR420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com