Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC859DSLCZP50A Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # MPC859DSLCZP50A
Description  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC859DSLCZP50A Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MPC859DSLCZP50A Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC859DSLCZP50A Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC859DSLCZP50A Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC859DSLCZP50A Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC859DSLCZP50A Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC859DSLCZP50A Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC859DSLCZP50A Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC859DSLCZP50A Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC859DSLCZP50A Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
38
Freescale Semiconductor
Bus Signal Timing
Figure 25 shows the interrupt detection timing for the external level-sensitive lines.
Figure 25. Interrupt Detection Timing for External Level Sensitive Lines
Figure 26 shows the interrupt detection timing for the external edge-sensitive lines.
Figure 26. Interrupt Detection Timing for External Edge Sensitive Lines
Table 11 shows the PCMCIA timing for the MPC866/859.
Table 11. PCMCIA Timing
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
P44
A(0:31), REG valid to PCMCIA
Strobe asserted 1 (MIN = 0.75 x B1
– 2.00)
20.70
—
16.70
—
13.00
—
9.40
—
ns
P45
A(0:31), REG valid to ALE
negation1 (MIN = 1.00 x B1 – 2.00)
28.30
—
23.00
—
18.00
—
13.20
—
ns
P46
CLKOUT to REG valid (MAX = 0.25
x B1 + 8.00)
7.60
15.60
6.30
14.30
5.00
13.00
3.80
11.80
ns
P47
CLKOUT to REG invalid (MIN =
0.25 x B1 + 1.00)
8.60
—
7.30
—
6.00
—
4.80
—
ns
P48
CLKOUT to CE1, CE2 asserted
(MAX = 0.25 x B1 + 8.00)
7.60
15.60
6.30
14.30
5.00
13.00
3.80
11.80
ns
P49
CLKOUT to CE1, CE2 negated
(MAX = 0.25 x B1 + 8.00)
7.60
15.60
6.30
14.30
5.00
13.00
3.80
11.80
ns
CLKOUT
IRQx
I39
I40
CLKOUT
IRQx
I41
I42
I43
I43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com