| Electronic Components Datasheet Search |
|
MPC8250VR Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8250VR Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc |
|
4 / 60 page ![]() MPC8250 Hardware Specifications, Rev. 1 4 Freescale Semiconductor Features — Dedicated interface logic for SDRAM • CPU core can be disabled and the device can be used in slave mode to an external core • Communications processor module (CPM) — Embedded 32-bit communications processor (CP) uses a RISC architecture for flexible support for communications protocols — Interfaces to G2 core through on-chip 32-Kbyte dual-port RAM and DMA controller — Serial DMA channels for receive and transmit on all serial channels — Parallel I/O registers with open-drain and interrupt capability — Virtual DMA functionality executing memory-to-memory and memory-to-I/O transfers — Three fast communications controllers supporting the following protocols: – 10/100-Mbit Ethernet/IEEE 802.3 CDMA/CS interface through media independent interface (MII) – Transparent – HDLC—Up to T3 rates (clear channel) — One multichannel controller (MCC2) – Handles 128 serial, full-duplex, 64-Kbps data channels. The MCC can be split into four subgroups of 32 channels each. – Almost any combination of subgroups can be multiplexed to single or multiple TDM interfaces up to four TDM interfaces per MCC — Four serial communications controllers (SCCs) identical to those on the MPC860, supporting the digital portions of the following protocols: – Ethernet/IEEE 802.3 CDMA/CS – HDLC/SDLC and HDLC bus – Universal asynchronous receiver transmitter (UART) – Synchronous UART – Binary synchronous (BISYNC) communications – Transparent — Two serial management controllers (SMCs), identical to those of the MPC860 – Provide management for BRI devices as general circuit interface (GCI) controllers in time- division-multiplexed (TDM) channels – Transparent – UART (low-speed operation) — One serial peripheral interface identical to the MPC860 SPI — One inter-integrated circuit (I2C) controller (identical to the MPC860 I2C controller) – Microwire compatible – Multiple-master, single-master, and slave modes — Up to four TDM interfaces – Supports one group of four TDM channels |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |