| Electronic Components Datasheet Search |
|
MPC859TCVR100A Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC859TCVR100A Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc |
|
4 / 96 page ![]() MPC866/MPC859 Hardware Specifications, Rev. 2 4 Freescale Semiconductor Features • Interrupts — Seven external interrupt request (IRQ) lines — Twelve port pins with interrupt capability — The MPC866P and MPC866T have 23 internal interrupt sources; the MPC859P, MPC859T, and MPC859DSL have 20 internal interrupt sources. — Programmable priority between SCCs (MPC866P and MPC866T) — Programmable highest priority request • Communications processor module (CPM) — RISC controller — Communication-specific commands (for example, GRACEFUL STOP TRANSMIT, ENTER HUNT MODE, and RESTART TRANSMIT ) — Supports continuous mode transmission and reception on all serial channels — Up to 8-Kbytes of dual-port RAM — MPC866P and MPC866T have 16 serial DMA (SDMA) channels; MPC859P, MPC859T, and MPC859DSL have 10 serial DMA (SDMA) channels. — Three parallel I/O registers with open-drain capability • Four baud rate generators — Independent (can be connected to any SCC or SMC) — Allow changes during operation — Autobaud support option • MPC866P and MPC866T have four SCCs (serial communication controller); MPC859P, MPC859T, and MPC859DSL have one SCC; and SCC1 on MPC859DSL supports Ethernet only. — Serial ATM capability on all SCCs — Optional UTOPIA port on SCC4 — Ethernet/IEEE 802.3 optional on SCC1–4, supporting full 10-Mbps operation — HDLC/SDLC — HDLC bus (implements an HDLC-based local area network (LAN)) — Asynchronous HDLC to support PPP (point-to-point protocol) — AppleTalk — Universal asynchronous receiver transmitter (UART) — Synchronous UART — Serial infrared (IrDA) — Binary synchronous communication (BISYNC) — Totally transparent (bit streams) — Totally transparent (frame based with optional cyclic redundancy check (CRC) • Two SMCs (serial management channels) (MPC859DSL has one SMC (SMC1) for UART.) — UART — Transparent — General circuit interface (GCI) controller — Can be connected to the time-division multiplexed (TDM) channels |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |