Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8272CVRB Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPC8272CVRB
Description  PowerQUICC II??Family Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8272CVRB Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPC8272CVRB Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8272CVRB Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8272CVRB Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8272CVRB Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8272CVRB Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8272CVRB Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8272CVRB Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8272CVRB Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8272CVRB Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5
Freescale Semiconductor
15
AC Electrical Characteristics
6
AC Electrical Characteristics
The following sections include illustrations and tables of clock diagrams, signals, and CPM outputs and
inputs for 66.67-/83.33-/100-/133-MHz MPC8272 devices. Note that AC timings are based on a 50-pf load
for MAX Delay and 10-pf load for MIN delay. Typical output buffer impedances are shown in Table 8.
6.1
CPM AC Characteristics
Table 9 lists CPM output characteristics.
Table 8. Output Buffer Impedances 1
1
These are typical values at 65° C. Impedance may vary by ±25% with process and temperature.
Output Buffers
Typical Impedance (
Ω)
60x bus
45 or 27 2
2
Impedance value is selected through SIUMCR[20,21]. Refer to the
MPC8280 PowerQUICC II Family Reference
Manual.
Memory controller
45 or 272
Parallel I/O
45
PCI
27
Table 9. AC Characteristics for CPM Outputs 1
1
Output specifications are measured from the 50% level of the rising edge of CLKIN to the 50% level of the signal. Timings are
measured at the pin.
Spec Number
Characteristic
Value (ns)
Max
Min
Maximum Delay
Minimum Delay
66
MHz
83
MHz
100
MHz
133
MHz
66
MHz
83
MHz
100
MHz
133
MHz
sp36a sp37a FCC outputs—internal clock (NMSI)
6
5.5
5.5
5.5
0.5
0.5
0.5
0.5
sp36b sp37b FCC outputs—external clock (NMSI)
8
8
8
8
2
2
2
2
sp38a sp39a SCC/SMC/SPI/I2C outputs—internal clock (NMSI)
10
10
10
10
0
0
0
0
sp38b sp39b SCC/SMC/SPI/I2C outputs—external clock (NMSI)
8
8
8
8
2
2
2
2
sp40
sp41
TDM outputs/SI
11
11
11
11
2.5
2.5
2.5
2.5
sp42
sp43
TIMER/IDMA outputs
11
11
11
11
0.5
0.5
0.5
0.5
sp42a sp43a PIO outputs
11
11
11
11
0.5
0.5
0.5
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com