Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC866PCVR100A Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # MPC866PCVR100A
Description  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC866PCVR100A Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button MPC866PCVR100A Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC866PCVR100A Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
66
Freescale Semiconductor
CPM Electrical Characteristics
Figure 66. SMC Transparent Timing Diagram
Table 25. SMC Transparent Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
150
SMCLK clock period 1
1
Sync CLK must be at least twice as fast as SMCLK.
100
—
ns
151
SMCLK width low
50
—
ns
151A
SMCLK width high
50
—
ns
152
SMCLK rise/fall time
—
15
ns
153
SMTXD active delay (from SMCLK falling edge)
10
50
ns
154
SMRXD/SMSYNC setup time
20
—
ns
155
RXD1/SMSYNC hold time
5
—
ns
SMCLK
SMRXD
(Input)
152
150
SMTXD
(Output)
152
151
SMSYNC
151A
154
153
155
154
155
NOTE 1
NOTE:
This delay is equal to an integer number of character-length clocks.
1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com