Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8540 Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
51
PCI/PCI-X
12.2 PCI/PCI-X AC Electrical Specifications
This section describes the general AC timing parameters of the PCI/PCI-X bus of the MPC8540. Note that
the SYSCLK signal is used as the PCI input clock. Table 42 provides the PCI AC timing specifications at
66 MHz.
Table 42. PCI AC Timing Specifications at 66 MHz
Parameter
Symbol 1
Min
Max
Unit
Notes
SYSCLK to output valid
tPCKHOV
—6.0
ns
2
Output hold from SYSCLK
tPCKHOX
2.0
—
ns
2, 9
SYSCLK to output high impedance
tPCKHOZ
—
14
ns
2, 3, 10
Input setup to SYSCLK
tPCIVKH
3.0
—
ns
2, 4, 9
Input hold from SYSCLK
tPCIXKH
0
—
ns
2, 4, 9
REQ64 to HRESET 9 setup time
tPCRVRH
10
× t
SYS
—
clocks
5, 6, 10
HRESET to REQ64 hold time
tPCRHRX
050
ns
6, 10
HRESET high to first FRAME assertion
tPCRHFV
10
—
clocks
7, 10
Notes:
1.Note that the symbols used for timing specifications herein follow the pattern of t(first two letters of functional
block)(signal)(state) (reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs.
For example, tPCIVKH symbolizes PCI/PCI-X timing (PC) with respect to the time the input signals (I) reach the
valid state (V) relative to the SYSCLK clock, tSYS, reference (K) going to the high (H) state or setup time. Also,
tPCRHFV symbolizes PCI/PCI-X timing (PC) with respect to the time hard reset (R) went high (H) relative to the
frame signal (F) going to the valid (V) state.
2.See the timing measurement conditions in the PCI 2.2 Local Bus Specifications.
3.For purposes of active/float timing measurements, the Hi-Z or off state is defined to be when the total current
delivered through the component pin is less than or equal to the leakage current specification.
4.Input timings are measured at the pin.
5.The timing parameter tSYS indicates the minimum and maximum CLK cycle times for the various specified
frequencies. The system clock period must be kept within the minimum and maximum defined ranges. For values
see Section 15, “Clocking.”
6.The setup and hold time is with respect to the rising edge of HRESET.
7.The timing parameter tPCRHFV is a minimum of 10 clocks rather than the minimum of 5 clocks in the PCI 2.2 Local
Bus Specifications.
8.The reset assertion timing requirement for HRESET is 100
μs.
9.Guaranteed by characterization.
10.Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com