Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8541E Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # MPC8541E
Description  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8541E Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button MPC8541E Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 84 page
background image
MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
64
Freescale Semiconductor
Clocking
15.2
Platform/System PLL Ratio
The platform clock is the clock that drives the L2 cache, the DDR SDRAM data rate, and the e500 core
complex bus (CCB), and is also called the CCB clock. The values are determined by the binary value on
LA[28:31] at power up, as shown in Table 46.
There is no default for this PLL ratio; these signals must be pulled to the desired values.
For specifications on the PCI_CLK, refer to the PCI 2.2 Specification.
Table 46. CCB Clock Ratio
Binary Value of
LA[28:31] Signals
Ratio Description
0000
16:1 ratio CCB clock: SYSCLK (PCI bus)
0001
Reserved
0010
2:1 ratio CCB clock: SYSCLK (PCI bus)
0011
3:1 ratio CCB clock: SYSCLK (PCI bus)
0100
4:1 ratio CCB clock: SYSCLK (PCI bus)
0101
5:1 ratio CCB clock: SYSCLK (PCI bus)
0110
6:1 ratio CCB clock: SYSCLK (PCI bus)
0111
Reserved
1000
8:1 ratio CCB clock: SYSCLK (PCI bus)
1001
9:1 ratio CCB clock: SYSCLK (PCI bus)
1010
10:1 ratio CCB clock: SYSCLK (PCI bus)
1011
Reserved
1100
12:1 ratio CCB clock: SYSCLK (PCI bus)
1101
Reserved
1110
Reserved
1111
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com