Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD01-G Datasheet(PDF) 1 Page - Comchip Technology

Part # HD01-G
Description  Surface Mount Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

HD01-G Datasheet(HTML) 1 Page - Comchip Technology

  HD01-G Datasheet HTML 1Page - Comchip Technology HD01-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25
oC ambient temperature unless otherwise specified.
NOTES :
-55 to + 150
MINI-DIP
HD01-G THRU HD10-G (RoHS Device)
Voltage Range 100 to 1000 V
Current 0.8 Ampere
Surface Mount Bridge Rectifier
SYMBOL
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
I
2
t
CJ
TJ,TSTG
HD01-G HD02-G
HD04-G
HD06-G HD08-G
100
800
600
400
70
560
420
280
100
800
600
400
0.8
5.0
30
250
25
1.0
UNIT
V
V
V
V
A
A
uA
uA
o
C
pF
200
140
200
HD10-G
1000
700
1000
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
o
C
Typical junction Capacitance (Note 1)
Operating Junctionand Storage
Current TA=40
o
C
Half sine-wave superimposed on rated load
(JEDEC method)
@ 0.8 A
At Rated DC Blocking Voltage @TJ=125
o
C
Typical Thermal Resistance (Note 2)
Rating for fusing (t < 8.3ms)
R JA
Terminals: Solderable per MIL-STD-750,
Features
Case: Molded plastic body over passivated
Weight: 0.22 gram
Polarity: As marked on body
Mounting position: Any
junctions
Mechanical Data
5
85
A
2
S
o
C/W
1 / 2
Plastic package has Underwriters
Laboratory Flammability Classification
Saves space on printed circuit boards
Glass passivated structure
High surge current capability
94V-0
Temperature Range
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(2) Thermal Resistance form junction to ambient mounted on P.C.B with 0.5 x 0.5"(13x13mm) copper pads.
method 2026
.106(2.7)
.090(2.3)
.118(3.0)
MAX
.008(0.2)
.193(4.9)
.177(4.5)
.106(2.7)
.090(2.3)
.275(7)
MAX
.165(4.2)
.150(3.8)
~~
+
-
.014(.35)
.006(.15)
.051(1.3)
.035(0.9)
.067(1.7)
.057(1.3)
.043(1.1)
.027(0.7)
C.02(.5)
.031(0.8)
.019(0.5)
CHARACTERISTIC


Similar Part No. - HD01-G

ManufacturerPart #DatasheetDescription
logo
CUI INC
HD01-19-RA-TH CUI-HD01-19-RA-TH Datasheet
635Kb / 4P
HDMI RECEPTACLE
09/29/202
logo
CUI Devices
HD01-19-RA-TH CUID-HD01-19-RA-TH Datasheet
683Kb / 4P
HDMI RECEPTACLE
08/05/2022
logo
Diodes Incorporated
HD01-T DIODES-HD01-T Datasheet
90Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17003 Rev. 12 - 2
HD01-T DIODES-HD01-T Datasheet
77Kb / 4P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 13
More results

Similar Description - HD01-G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
U01501BRM PANJIT-U01501BRM Datasheet
145Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
B1S YENYO-B1S Datasheet
525Kb / 2P
Surface Mount Bridge Rectifier
logo
MAKO SEMICONDUCTOR CO.,...
MB2F MAKOSEMI-MB2F Datasheet
165Kb / 2P
Surface Mount Bridge Rectifier
MB05 MAKOSEMI-MB05 Datasheet
165Kb / 2P
Surface Mount Bridge Rectifier
MB8F MAKOSEMI-MB8F Datasheet
165Kb / 2P
Surface Mount Bridge Rectifier
logo
Rugao Dachang Electroni...
ABS2 DACHANG-ABS2_15 Datasheet
135Kb / 2P
Surface Mount Bridge-Rectifier
DB101S DACHANG-DB101S_15 Datasheet
126Kb / 2P
Surface Mount Bridge-Rectifier
DB151S DACHANG-DB151S_15 Datasheet
126Kb / 2P
Surface Mount Bridge-Rectifier
logo
Vishay Siliconix
RMB2S VISHAY-RMB2S_13 Datasheet
91Kb / 5P
Surface Mount Bridge Rectifier
19-Aug-13
logo
GUANGDONG HOTTECH INDUS...
DB101S HOTTECH-DB101S Datasheet
160Kb / 2P
Surface Mount Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com