| Electronic Components Datasheet Search |
|
MPC8555CPXALE Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8555CPXALE Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc |
|
73 / 88 page ![]() MPC8555E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4 Freescale Semiconductor 73 Thermal Chanhassen, MN 55317 Internet: www.bergquistcompany.com Thermagon Inc. 888-246-9050 4707 Detroit Ave. Cleveland, OH 44102 Internet: www.thermagon.com 16.2.4 Heat Sink Selection Examples The following section provides a heat sink selection example using one of the commercially available heat sinks. 16.2.4.1 Case 1 For preliminary heat sink sizing, the die-junction temperature can be expressed as follows: TJ = TI + TR + (θJC + θINT + θSA) × PD where TJ is the die-junction temperature TI is the inlet cabinet ambient temperature TR is the air temperature rise within the computer cabinet θ JC is the junction-to-case thermal resistance θ INT is the adhesive or interface material thermal resistance θ SA is the heat sink base-to-ambient thermal resistance PD is the power dissipated by the device. See Table 4 and Table 5. During operation the die-junction temperatures (TJ) should be maintained within the range specified in Table 2. The temperature of air cooling the component greatly depends on the ambient inlet air temperature and the air temperature rise within the electronic cabinet. An electronic cabinet inlet-air temperature (TA) may range from 30 ° to 40°C. The air temperature rise within a cabinet (T R) may be in the range of 5° to 10 °C. The thermal resistance of some thermal interface material (θ INT) may be about 1°C/W. For the purposes of this example, the θ JC value given in Table 49 that includes the thermal grease interface and is documented in note 4 is used. If a thermal pad is used, θ INT must be added. Assuming a TI of 30C, a TR of 5C, a FC-PBGA package θJC = 0.96, and a power consumption (PD) of 8.0 W, the following expression for TJ is obtained: Die-junction temperature: TJ = 30°C + 5°C + (0.96°C/W + θSA) × 8.0 W The heat sink-to-ambient thermal resistance ( θ SA) versus airflow velocity for a Thermalloy heat sink #2328B is shown in Figure 46. Assuming an air velocity of 2 m/s, we have an effective θ SA+ of about 3.3C/W, thus TJ = 30C + 5C + (0.96C/W + 3.3C/W) × 8.0 W, resulting in a die-junction temperature of approximately 69C which is well within the maximum operating temperature of the component. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |