Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1102 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # M1102
Description  PNP transistor/Schottky-diode module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

M1102 Datasheet(HTML) 2 Page - NXP Semiconductors

  M1102 Datasheet HTML 1Page - NXP Semiconductors M1102 Datasheet HTML 2Page - NXP Semiconductors M1102 Datasheet HTML 3Page - NXP Semiconductors M1102 Datasheet HTML 4Page - NXP Semiconductors M1102 Datasheet HTML 5Page - NXP Semiconductors M1102 Datasheet HTML 6Page - NXP Semiconductors M1102 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1996 May 09
2
Philips Semiconductors
Product specification
PNP transistor/Schottky-diode module
PZTM1102
FEATURES
• Low output capacitance
• Fast switching time
• Integrated Schottky protection
diode.
APPLICATIONS
• High-speed switching for industrial
applications.
DESCRIPTION
Combination of a PNP transistor and a Schottky barrier diode in a plastic
SOT223 package. NPN complement: PZTM1101.
PINNING
PIN
DESCRIPTION
1
cathode Schottky
2
base
3
emitter
4
collector, anode Schottky
Fig.1 Simplified outline (SOT223) and symbol.
Marking code: TM1102.
handbook, halfpage
4
1
1
4
2
3
2
3
MAM237
Top view
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. An additional copper area of >20 mm2 is required for pin 1, if power dissipation in the Schottky die is >0.5 W.
2. It is not allowed to dissipate the total power of 1.2 W in the Schottky die only.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
PNP transistor
VCBO
collector-base voltage
open emitter
−
−40
V
VCES
collector-emitter voltage
VBE = 0
−
−40
V
VEBO
emitter-base voltage
open collector
−
−6
V
IC
collector current (DC)
−
−200
mA
Schottky barrier diode
VR
continuous reverse voltage
−
40
V
IF
forward current (DC)
−
1
A
IF(AV)
average forward current
−
1
A
P
power dissipation
up to Tamb = 25 °C; note 1
−
0.5
W
Tj
junction temperature
reverse current applied
−
125
°C
forward current applied
−
150
°C
Combined device
Ptot
total power dissipation
up to Tamb = 25 °C; note 2
−
1.2
W
Tamb
operating ambient temperature
−55
+150
°C
Tstg
storage temperature
−55
+150
°C
Tj
junction temperature
−
150
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com