Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1102 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # M1102
Description  PNP transistor/Schottky-diode module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

M1102 Datasheet(HTML) 3 Page - NXP Semiconductors

  M1102 Datasheet HTML 1Page - NXP Semiconductors M1102 Datasheet HTML 2Page - NXP Semiconductors M1102 Datasheet HTML 3Page - NXP Semiconductors M1102 Datasheet HTML 4Page - NXP Semiconductors M1102 Datasheet HTML 5Page - NXP Semiconductors M1102 Datasheet HTML 6Page - NXP Semiconductors M1102 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1996 May 09
3
Philips Semiconductors
Product specification
PNP transistor/Schottky-diode module
PZTM1102
ELECTRICAL CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
NPN transistor
V(BR)CBO
collector-base breakdown
voltage
open emitter; IC = −10 µA; IE = 0;
Tamb = −55 to +150 °C; note 1
−40
−
V
V(BR)CES
collector-emitter
breakdown voltage
open base; IC = −1 mA; VBE = 0;
Tamb = −55 to +150 °C; note 1
−40
−
V
V(BR)EBO
emitter-base breakdown
voltage
open collector; IE = −10 µA; IC = 0;
Tamb = −55 to +150 °C; note 1
−6
−
V
ICES
collector-emitter cut-off
current
VCE = −20 V; VBE = 0
−
100
nA
VCE = −20 V; VBE = 0; Tamb = −55 to +150 °C −
50
µA
IEBO
emitter-base cut-off current
VEB = −6 V; IC = 0
−
50
nA
VEB = −6 V; IC = 0; Tamb = −55 to +150 °C
−
10
µA
VCEsat
collector-emitter saturation
voltage
note 1
IC = −10 mA; IB = −1 mA
−
−200
mV
IC = −50 mA; IB = −3.2 mA
−
−300
mV
VCEsat
collector-emitter saturation
voltage
Tamb = −55 to +150 °C; note 1
IC = −10 mA; IB = −1 mA
−
−250
mV
IC = −50 mA; IB = −3.2 mA
−
−350
mV
VBEsat
base-emitter saturation
voltage
note 1
IC = −10 mA; IB = −1 mA
−
−850
mV
IC = −50 mA; IB = −5 mA
−
−950
mV
VBEsat
base-emitter saturation
voltage
Tamb = −55 to +150 °C; note 1
IC = −10 mA; IB = −1 mA
−
−1.0
V
IC = −50 mA; IB = −5 mA
−
−1.1
V
Cob
output capacitance
IE = ie = 0; VCB = −5 V; f = 1 MHz
−
4.5
pF
Cib
input capacitance
IC = ic = 0; VEB = −0.5 V; f = 1 MHz
−
10
pF
fT
transition frequency
IC = −10 mA; VCE = −20 V; f = 100 MHz
250
−
MHz
hFE
DC current gain
VCE = −1 V; note 1
IC = −0.1 mA
40
−
IC = −1 mA
70
−
IC = −10 mA
100
300
IC = −100 mA
30
−
hFE
DC current gain
VCE = −1 V; Tamb = −55 to +150 °C; note 1
IC = −10 mA
60
500
IC = −100 mA
15
−
SWITCHING TIMES (see Figs 2 and 3)
td
delay time
VCC = 5 V
3
7
ns
tr
rise time
IC = 50 mA
13
23
ns
ts
storage time
Vi = 0 to 5 V
200
380
ns
tf
fall time
50
80
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com