Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS50 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ATS50
Description  LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATS50 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ATS50 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATS50 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATS50 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATS50 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATS50 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATS50 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATS50 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATS50 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATS50 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
- 5 -
© Andigilog, Inc. 2003
www.andigilog.com
70A03202-004
aTS50
Typical Applications
IN
10K
100K
1
μF
FB
1.75V
REF
3.9K
SERIAL
DATA OUT
CLOCK
ENABLE
aTS50
5V
VTemp
U1
U2
U3
Serial
Analog-to-Digital
Converter
Adjustable
Shunt Voltage
Reference
+
Figure 4. Serial Output Temperature to Digital Converter (Full Scale = +125˚C)
5V
WR
5K
30K
IN
VREF
1.75V
15K
1
μF
+
_
PARALLEL
DATA
OUTPUT
INTR
CS
RD
8
VTemp
Parallel Output
Analog-to-Digital
Converter
aTS50
U1
U3
U2
Figure 5. Parallel Output Temperature to Digital Converter (Full Scale = +125˚C)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com