Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS50 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ATS50
Description  LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATS50 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ATS50 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATS50 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATS50 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATS50 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATS50 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATS50 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATS50 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATS50 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATS50 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
New Release Specification
© Andigilog, Inc. 2003
www.andigilog.com
70A03202-003
LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR
aTS50
PRODUCT SPECIFICATION
General Description
The aTS50 is a high-precision CMOS temperature
sensor that provides a cost-effective solution for
applications
requiring
high-accuracy
low-power
temperature monitoring. The aTS50 output voltage
ramp is extremely linear and has a slope of 10mV/°C.
With a supply voltage of 2.7V to 6V, the aTS50 is
accurate to ±1°C over a temperature range of
−40°C to
125°C and has a typical room temperature accuracy of
±0.5°C. Reducing the supply voltage to 2.7V does not
change the negative and positive temperature
extremes.
As well, the aTS50 does not require
external calibration. Calibration of each device is
performed at the factory.
Features
•
Precision Calibrated to ±1°C at 25°C
•
Temperature Range: -40°C to 125°C
•
Extremely Linear Output Ramp: 10mV/°C
•
Output Ramp is Calibrated to Degrees Celsius
•
Low Operating Current:
≤ 130μA
•
Low Self Heating: 0.2°C Typical in Still Air
•
Operating Voltage Range: +2.7V to +6V
•
Uses a Single Positive Supply
•
Non-linearity:
≤ 0.8°C
Applications
•
Mobile Phones
•
Mobile Communications Terminals
•
Computers
•
Battery Management
•
FAX Machines/Printers/Copiers
•
Portable Medical Instruments
•
HVAC
•
Power Supply Modules
•
Disk Drives
•
Automotive Control Circuits
Pin Configuration
2
1
3
SOT- 23 3-lead
GND
V
OUT
V
DD
2
1
3
SOT- 23 3-lead
GND
V
OUT
V
DD
aTS50
2
1
3
SOT- 23 3-lead
GND
V
OUT
V
DD
2
1
3
SOT- 23 3-lead
GND
V
OUT
V
DD
aTS50
actual part marking below
Accuracy vs Temperature
-50
0
50
100
Temperature (°C)
VDD=+5V
lower spec limit
-4
-3
-2
-1
0
1
2
3
upper spec limit
-40
25
125
4
-50
0
50
100
Temperature (°C)
VDD=+5V
lower spec limit
-4
-3
-2
-1
0
1
2
3
upper spec limit
-40
25
125
4
Ordering Information
Part Number
Package
Temperature Range
Part Marking
How Supplied
aTS50S3
3-Pin SOT-23
-40˚C to +125˚C
AAyw
3000 units on T&R
y – year, w - week


Similar Part No. - ATS50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATS51 ETC2-ATS51 Datasheet
298Kb / 9P
LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
ATS51S3 ETC2-ATS51S3 Datasheet
298Kb / 9P
LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
logo
Allegro MicroSystems
ATS535CSB ALLEGRO-ATS535CSB Datasheet
75Kb / 12P
ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
April 8, 1998
ATS535JSB ALLEGRO-ATS535JSB Datasheet
75Kb / 12P
ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
April 8, 1998
More results

Similar Description - ATS50

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM50 NSC-LM50 Datasheet
176Kb / 7P
SOT-23 Single-Supply Centigrade Temperature Sensor
LM60 NSC-LM60 Datasheet
221Kb / 9P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM50B NSC-LM50B Datasheet
165Kb / 8P
SOT-23 Single-Supply Centigrade Temperature Sensor
logo
List of Unclassifed Man...
ATS51 ETC2-ATS51 Datasheet
298Kb / 9P
LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
logo
National Semiconductor ...
LM50 NSC-LM50_06 Datasheet
603Kb / 9P
SOT-23 Single-Supply Centigrade Temperature Sensor
LM60 NSC-LM60_05 Datasheet
637Kb / 11P
2.7V, SOT-23 or TO-92 Temperature Sensor
logo
Texas Instruments
LMT90 TI-LMT90 Datasheet
910Kb / 14P
LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50-Q1 TI1-LM50-Q1_14 Datasheet
854Kb / 16P
SOT-23 Single-Supply Centigrade Temperature Sensor
SM73710 TI-SM73710 Datasheet
374Kb / 12P
SM73710 2.7V, SOT-23 Temperature Sensor
LM50 TI-LM50_15 Datasheet
830Kb / 15P
SOT-23 Single-Supply Centigrade Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com