Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLR210ATM Datasheet(PDF) 1 Page - BYCHIP ELECTRONICS CO., LIMITED

Part # IRLR210ATM
Description  N-channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED

IRLR210ATM Datasheet(HTML) 1 Page - BYCHIP ELECTRONICS CO., LIMITED

  IRLR210ATM Datasheet HTML 1Page - BYCHIP ELECTRONICS CO., LIMITED IRLR210ATM Datasheet HTML 2Page - BYCHIP ELECTRONICS CO., LIMITED IRLR210ATM Datasheet HTML 3Page - BYCHIP ELECTRONICS CO., LIMITED IRLR210ATM Datasheet HTML 4Page - BYCHIP ELECTRONICS CO., LIMITED IRLR210ATM Datasheet HTML 5Page - BYCHIP ELECTRONICS CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
200
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
5.0
A
TC = 100 °C
4.0
Pulsed Drain Currenta
IDM
20
Linear Derating Factor
0.33
W/°C
Linear Derating Factor (PCB Mount) e
0.020
Single Pulse Avalanche Energy b
EAS
161
mJ
Repetitive Avalanche Current a
IAR
4.8
A
Repetitive Avalanche Energy a
EAR
4.2
mJ
Maximum Power Dissipation
TC = 25 °C
PD
42
W
Maximum Power Dissipation (PCB mount) e
TA = 25 °C
2.5
Peak Diode Recovery dV/dt c
dV/dt
5.0
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to +150
°C
Soldering Recommendations (Peak temperature) d
for 10 s
260
N-channel Enhancement Mode Power MOSFET
Features
 VDS=
200V, ID= 30 A
RDS(ON) <
850 mΩ @ VGS = 10V
RDS(ON) <
950 mΩ @ VGS =4.5V
●
Advanced Trench Technology
●
Provide Excellent RDS(ON) and Low Gate
Charge
●
Lead Free and Green Available
100% UIS TESTED!
100% ΔVds TESTED!
General Features
www.bychip.cn
Pin Assignment
TO-252-2L Top View
Schematic Diagram
IRLR210ATM
v1.0


Similar Part No. - IRLR210ATM

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRLR210A ISC-IRLR210A Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IRLR210ATM

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com