Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL75-9 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # PL75-9
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL75-9 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button PL75-9 Datasheet HTML 40Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 41Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 42Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 43Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 44Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 45Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 46Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 47Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
44
Cable Jack
50Ω
3-lug
CJ50-
Wrench Crimp
50Ω
4-lug
CJ50FL-
50Ω
Threaded
CJ350-
Bulkhead Jack
50Ω
3-lug
BJ59-
Wrench Crimp
50Ω
4-lug
BJ59FL-
50Ω Threaded
BJ359-
Mounting Hole: D4.187
50Ω
3-lug
BJ58
50Ω
4-lug
BJ58FL
50Ω Threaded
BJ358
Mounting Hole: D5.190 / D4.190 (Threaded)
Bulkhead Jack
50Ω
3-lug
BJ50
Front mount, Solder pot 50Ω
4-lug
BJ50FL
50Ω Threaded
BJ350
Mounting Hole: D6.218
Push-on Plug
50Ω
3-lug
PL53-
Wrench Crimp, TPS/ TCM
Tps Push-on
50Ω
BJ51
Solder Pot Panel Jack
Max Panel Thk: .088
50Ω
Ground Lug
BJ51GL
Cable Plug
75Ω
3-lug
UPL50C-
50Ω
3-lug
PL50C-
Tool Crimp
50Ω
4-lug
PL50CFL-
50Ω
Threaded
PL350C-
Insulated
Bulkhead Jack
Front Mount, Solder Pot
50Ω
3-lug
BJ57
50Ω
4-lug
BJ57FL
50Ω Threaded
BJ357
Mounting Hole: D4.187
50Ω Sub-miniature coax
50/350 series, tps/tcm jacks & plugs
Cable Plug
50Ω
3-lug
PL50-
Wrench Crimp
50Ω
4-lug
PL50FL-
50Ω
Threaded
PL350
-
50Ω
3-lug
CBJ50
50Ω
4-lug
CBJ50FL
50Ω Threaded
CBJ350
BJ59-1 Shown
PL53-1 Shown
PL50C-001 Shown
BJ57 Shown
Feed-thru Jack
Circuit
Board Jack
1
1
1
1
1
1
1
1
1
1
- Refers to cable group table, see pages 91-133. "D" mounting holes are on page 54
1
1
1
1
PL50-1 Shown
CJ50-1 Shown
1
.375 HEX NUT
.375 WRENCH FLATS
.080
.748
.460 DIA MAX
;;;;
;;;;
;;;;
;;;;
;;;;
;;;;
;;;;
1.143
.643
.485
DIA
MAX
.69
.375 WRENCH FLATS
.080
.375 HEX NUT
.437
DIA
.375 HEX NUT
.375 WRENCH FLATS
.468 DIA MAX
.080
.790
;;;;
;;;;
;;;;
;;;;
;;;;
.722
.170
.308
.013
.400
TYP
.049/.045
DIA 4 HOLES
.200 TYP
.080/.076 DIA
.295
DIA
MAX BOARD THK .125
.402
1.000
.3125-32UNEF-2A
7/16 HEX
3/8 HEX NUT
SOLDER POT ACCEPTS
.039 DIA CONDUCTOR
.140 DIA
.560 DIA
.600 DIA
.892
.500 HEX NUT
.4375-28UNEF-2A
.407
1.000
SOLDER POT
ACCEPTS .039 DIA
CONDUCTOR
.500 HEX
1.070
.375-32UNEF-2A
7/16 HEX NUT
.620
.080
.790
.590
.4375-28UNEF-2A
.375 HEX NUT
.500 HEX NUT
.562 HEX
.600 DIA
.3125-32UNEF-2A
.925
.375 HEX NUT
SOLDER POT
ACCEPTS Ø.052
CONDUCTOR
Ø.093
Ø.470
.750
MAX
GROUND LUG (BJ51GL ONLY)
.375 WRENCH FLATS
.450
BJ58 Shown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com