Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL75-9 Datasheet(PDF) 87 Page - List of Unclassifed Manufacturers

Part # PL75-9
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL75-9 Datasheet(HTML) 87 Page - List of Unclassifed Manufacturers

Back Button PL75-9 Datasheet HTML 83Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 84Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 85Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 86Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 87Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 88Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 89Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 90Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 91Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
87
Electronic systems wiring & cable
desired signal in the coax. The sophistication of cable and equipment
isolation techniques used is dependent upon the frequency of the
interfering noise and how it enters the cable system. Any additional
measures taken to reduce incoming noise will also reduce outgoing
radiation and cross-talk.
Ground Loops and Common Mode Returns
Coax cable consists of an inner and an outer conductor insulated from
each other. Each conductor carries a desired signal current (source
to load or return). The outer conductor is usually grounded at the
source, load, bulkheads and other intermediate points. “Ground loop”
or “common mode” currents caused by potential differences of ex-
ternal noise sources are also simultaneously carried on the outer con-
ductors and noise is introduced into the system, greatly reducing the
“signal-to-noise ratio.”
Low frequency signals (20 KHz to 6 MHz) are particularly suscep-
tible to both ground loop and common mode interference. Coax cable
is recommended in this case with the complete coax chain having a
minimum-number of outer conductor ground contacts. Reducing the
number of ground connections reduces the number of possible ground
loops. Major equipment, relays, switches, connectors, patch panels,
etc., should be isolated from ground with the ultimate design hav-
ing only one system ground connection at the source.
In the case of nuclear attack, a tremendous electromagnetic pulse
(EMP), transmitted for many miles from ground zero, will induce ex-
tremely high voltages in all unguarded and unprotected cable and
equipment. It is estimated that a vertical electrical field intensity of
50K volts per meter will be present 62.5 miles from a 10–megaton
near-ground explosion. Solid-state transistors and diodes, integrated
circuits, front end RF coils, sensitive relays and reeds are typical of
the sophisticated elements used today for both military and commer-
cial systems that may fail even though far removed from the fireball
area.
The lack of money, time and qualified personnel will not permit com-
plicated and costly post-completion interference cleanup of poorly
engineered systems. The use of good coax, twinax, triax, in isolated
or guarded circuitry, will do much to suppress outgoing EMI and RFI,
reduce incoming noise pickup, and help protect both your system and
the adjacent system from mutual interference. Careful cable to equip-
ment interface planning must be exercised to produce workable com-
patible systems. Design engineers are not free to treat cable installa-
tion as casually as they may have in the past.
Coax Cable
Shielded cable should be used to protect against magnetic and capaci-
tive stray fields in all cases of potential interference (low or high fre-
quency). Grounded coax cable is excellent for use from 20 KHz to 5
GHz for most systems. But even coax, if subjected to very strong
interference, will not completely protect the desired signal. Coax cable
is a two conductor cable. The outer conductor of a coax cable is not a
true shield in that it is also the signal return. A true shield is insulated
from the signal carrying conductors and protects the enclosed coaxial
conductors. However, the outer conductor of a coax cable is an elec-
trostatic shield and thus protects against capacitive interference. When
two conductors at different voltages are placed near one another, a
charge difference exists between them. Since a charge difference ex-
ists between the two conductors, a capacitive effect also exists be-
tween them. Such capacitive effects can give rise to interference sig-
nals in both conductors.
To prevent wires which carry low-level signals from being influenced
by capacitive effects, you need to surround the low-level signal wire
with an electrostatic shield. This type of shielding is effective be-
cause external electric fields cannot penetrate an enclosure surrounded
by an electrical conductor. Coax cable should be used when low-
level signal wire is likely to come in contact with another signal car-
rying wire. This is especially true when the voltage difference be-
tween the signal carrying wire and the source of interference is large.
Any external voltage injected in this braid will act as noise to the
I N
I N
I N
Source
Grounded
Bulkhead
Non-Insulated Feed Thru
Multiple Noise Currents (I )
N
Source
Load
Insulated at
Bulkhead
Insulated Feed Thru
No Noise Currents (I ) in
Signal Return
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com