Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5205 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA5205
Description  Wide-band high-frequency amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5205 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA5205 Datasheet HTML 3Page - NXP Semiconductors SA5205 Datasheet HTML 4Page - NXP Semiconductors SA5205 Datasheet HTML 5Page - NXP Semiconductors SA5205 Datasheet HTML 6Page - NXP Semiconductors SA5205 Datasheet HTML 7Page - NXP Semiconductors SA5205 Datasheet HTML 8Page - NXP Semiconductors SA5205 Datasheet HTML 9Page - NXP Semiconductors SA5205 Datasheet HTML 10Page - NXP Semiconductors SA5205 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Philips Semiconductors
Product specification
SA5205A
Wide-band high-frequency amplifier
1997 Nov 07
7
THEORY OF OPERATION
The design is based on the use of multiple feedback loops to
provide wide-band gain together with good noise figure and terminal
impedance matches. Referring to the circuit schematic in Figure 17,
the gain is set primarily by the equation:
V
OUT
V
IN
+
R
F1 ) RE1
R
E1
(1)
which is series-shunt feedback. There is also shunt-series feedback
due to RF2 and RE2 which aids in producing wideband terminal
impedances without the need for low value input shunting resistors
that would degrade the noise figure. For optimum noise
performance, RE1 and the base resistance of Q1 are kept as low as
possible while RF2 is maximized.
The noise figure is given by the following equation:
NF =
10 log
1
)
r
b ) RE1 )
KT
2ql
C1
R
O
dB
(2)
where IC1=5.5mA, RE1=12Ω, rb=130Ω, KT/q=26mV at 25°C and
R0=50 for a 50Ω system and 75 for a 75Ω system.
The DC input voltage level VIN can be determined by the equation:
VIN=VBE1+(IC1+IC3) RE1
where RE1=12Ω, VBE=0.8V, IC1=5mA and IC3=7mA (currents rated
at VCC=6V).
Under the above conditions, VIN is approximately equal to 1V.
Level shifting is achieved by emitter-follower Q3 and diode Q4 which
provide shunt feedback to the emitter of Q1 via RF1. The use of an
emitter-follower buffer in this feedback loop essentially eliminates
problems of shunt feedback loading on the output. The value of
RF1=140Ω is chosen to give the desired nominal gain. The DC
output voltage VOUT can be determined by:
VOUT=VCC-(IC2+IC6)R2,(4)
where VCC=6V, R2=225Ω, IC2=8mA and IC6=5mA.
From here it can be seen that the output voltage is approximately
3.1V to give relatively equal positive and negative output swings.
Diode Q5 is included for bias purposes to allow direct coupling of
RF2 to the base of Q1. The dual feedback loops stabilize the DC
operating point of the amplifier.
The output stage is a Darlington pair (Q6 and Q2) which increases
the DC bias voltage on the input stage (Q1) to a more desirable
value, and also increases the feedback loop gain. Resistor R0
optimizes the output VSWR (Voltage Standing Wave Ratio).
Inductors L1 and L2 are bondwire and lead inductances which are
roughly 3nH. These improve the high-frequency impedance
matches at input and output by partially resonating with 0.5pF of pad
and package capacitance.
VIN
L2
3nH
Q1
Q4
RF1
140
RE1
12
RF2
200
Q5
RE2
12
R3
140
Q6
10
3nH
L2
VOUT
R2
225
VCC
R1
650
R0
Q3
Q2
SR00231
Figure 17. Schematic Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com