Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5205 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA5205
Description  Wide-band high-frequency amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5205 Datasheet(HTML) 3 Page - NXP Semiconductors

  SA5205 Datasheet HTML 1Page - NXP Semiconductors SA5205 Datasheet HTML 2Page - NXP Semiconductors SA5205 Datasheet HTML 3Page - NXP Semiconductors SA5205 Datasheet HTML 4Page - NXP Semiconductors SA5205 Datasheet HTML 5Page - NXP Semiconductors SA5205 Datasheet HTML 6Page - NXP Semiconductors SA5205 Datasheet HTML 7Page - NXP Semiconductors SA5205 Datasheet HTML 8Page - NXP Semiconductors SA5205 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Philips Semiconductors
Product specification
SA5205A
Wide-band high-frequency amplifier
1997 Nov 07
3
EQUIVALENT SCHEMATIC
VCC
VOUT
VIN
R1
Q3
Q1
Q4
RF1
RE1
RF2
RE2
Q2
R2
Q6
R3
Q5
SR00216
Figure 2. Equivalent Schematic
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
9
V
VAC
AC input voltage
5
VP-P
TA
Operating ambient temperature range
SA grade
-40 to +85
°C
PDMAX
Maximum power dissipation,
TA=25°C (still-air)1, 2
D package
780
mW
NOTES:
1. Derate above 25
°C, at the following rates:
D package at 6.2mW/
°C
2. See “Power Dissipation Considerations” section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com