Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1530 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP1530
Description  Triple Output TFT Bias Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1530 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP1530 Datasheet HTML 1Page - Monolithic Power Systems MP1530 Datasheet HTML 2Page - Monolithic Power Systems MP1530 Datasheet HTML 3Page - Monolithic Power Systems MP1530 Datasheet HTML 4Page - Monolithic Power Systems MP1530 Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EV0074 (MP1530) – TRIPLE OUTPUT TFT BIAS CONVERTER
EVALUATION BOARD
EV0074 (MP1530) Rev. 1.2
www.MonolithicPower.com
3
8/23/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
EV0074 BILL OF MATERIALS (continued)
Qty
Ref
Value
Description
Package
Manufacturer P/N
Distributor P/N
1
D1
Schottky Diode, 40V, 1A
SOD-123
Diodes Inc:
1N5819HW-7
Digikey:
1N5819HWDICT-ND
1
D2
NS
Not Stuffed
3
D3, D4,
D5
Schottky Diodes, Dual, 40V,
200mA
SOT23
Diodes Inc:
BAS40-04-7
Digikey:
BAS40-04DICT-ND
1
L1
4.7µH 2.26A, SMD, Unshielded
Toko:
817FY-4R7M=P3
2
R1, R2
100kΩ Resistor, 5%
0805
Panasonic:
ERJ-6GEYJ104V
Digikey:
P100KACT-ND
1
R3
6.8kΩ Resistor, 5%
0805
Panasonic:
ERJ-6GEYJ682V
Digikey:
P6.8KACT-ND
1
R4
68.1kΩ Resistor, 1%
0805
Panasonic:
ERJ-6ENF6812V
Digikey:
P68.1KCCT-ND
3
R5, R7,
R9
10kΩ
Resistor, 5%
0805
Panasonic:
ERJ-6GEYJ103V
Digikey:
P10KACT-ND
1
R6
93.1kΩ Resistor, 1%
0805
Panasonic:
ERJ-6ENF9312V
Digikey:
P93.1KCCT-ND
1
R8
205kΩ Resistor, 1%
0805
Panasonic:
ERJ-6ENF2053V
Digikey:
P205KCCT-ND
2
R10, R11
0Ω
Resistor, 5%
0805
Panasonic:
ERJ-6GEY0R00V
Digikey:
P0.0ACT-ND
1
U1
MP1530
QFN16
(3x3)
MPS: MP1530DQ



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com