Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1530 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1530
Description  Triple Output TFT Bias Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1530 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1530 Datasheet HTML 1Page - Monolithic Power Systems MP1530 Datasheet HTML 2Page - Monolithic Power Systems MP1530 Datasheet HTML 3Page - Monolithic Power Systems MP1530 Datasheet HTML 4Page - Monolithic Power Systems MP1530 Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EV0074 (MP1530)
Triple Output
TFT Bias Converter
EVALUATION BOARD
EV0074 (MP1530) Rev. 1.2
www.MonolithicPower.com
1
8/23/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
DESCRIPTION
The EV0074 evaluation board is designed to
demonstrate the capabilities of MPS’ MP1530
triple output step-up converter which is capable of
powering a TFT panel from a regulated 3.3V or 5V.
The MP1530 includes a 1.4MHz fixed-frequency
step-up converter and a positive and negative
linear regulator. The linear regulators are powered
from a charge-pump driven by the step-up
converter switch node (SW).
A single on/off control enables all 3 outputs. The
outputs are internally sequenced at power on and
power off for ease of use. An internal soft-start
prevents overloading the input source at startup.
Cycle-by-cycle over current protection limits
component overstress.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
2.7 – 5.5
V
Output Voltage 1
VMAIN
+13
V
Output Current 1
IMAIN
350
mA
Output Voltage 2
VGH
+27
V
Output Current 2
IGH
20
mA
Output Voltage 3
VGL
–8.5
V
Output Current 3
IGL
20
mA
FEATURES
• 2.7 to 5.5V Operating Input Range
• 2.8A Switch Current Limit
• 3 Outputs In Single Package
• Step-Up Converter up to 22V
• Positive 20mA Linear Regulator
• Negative 20mA Linear Regulator
• 250mΩ Internal Power MOSFET Switch
• Up to 95% Efficiency
• 1µA Shutdown Mode
• Fixed 1.4MHz Frequency
• Positive Regulator up to 38V
• Negative Regulator down to –20V
• Internal Power-On Sequencing
• Adjustable Soft-Start/Fault Timer
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Under Voltage Lockout
• Ready Flag
APPLICATIONS
• TFT LCD Displays
• Portable DVD Players
• Tablet PCs
• Car Navigation Displays
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
EV0074 EVALUATION BOARD
Dimensions (2.4”X x 2.2”Y x 0.5”Z)
Board Number
MPS IC Number
EV0074
MP1530
100
90
80
70
60
50
40
30
20
10
10
100
1000
LOAD CURRENT (mA)
MP1530-EC02
Efficiency vs
Load Current
Step-Up Converter Only
VMAIN = 13V
VIN=3.3V
VIN=5.0V


Similar Part No. - MP1530

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1530 MPS-MP1530 Datasheet
195Kb / 5P
Triple Output Step-Up Plus Charge Pump for TFT Bias
MP1530 MPS-MP1530 Datasheet
358Kb / 15P
Triple Output Step-Up Plus Linear Regulators for TFT Bias
MP1530DM MPS-MP1530DM Datasheet
358Kb / 15P
Triple Output Step-Up Plus Linear Regulators for TFT Bias
MP1530DQ MPS-MP1530DQ Datasheet
195Kb / 5P
Triple Output Step-Up Plus Charge Pump for TFT Bias
MP1530DQ MPS-MP1530DQ Datasheet
358Kb / 15P
Triple Output Step-Up Plus Linear Regulators for TFT Bias
More results

Similar Description - MP1530

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1748 MAXIM-MAX1748 Datasheet
277Kb / 16P
Triple-Output TFT LCD DC-DC Converter
19-1740; Rev 0; 6/00
MAX1779 MAXIM-MAX1779 Datasheet
503Kb / 18P
Low-Power Triple-Output TFT LCD DC-DC Converter
19-1795; Rev 0; 11/00
logo
Rohm
BD8152FVM ROHM-BD8152FVM Datasheet
355Kb / 6P
TFT-LCD Bias Boost Converter
BD8158FVM ROHM-BD8158FVM Datasheet
302Kb / 6P
TFT-LCD Bias Boost Converter
logo
Monolithic Power System...
EV0055 MPS-EV0055 Datasheet
195Kb / 5P
Triple Output Step-Up Plus Charge Pump for TFT Bias
EV1531DQ-002A MPS-EV1531DQ-002A Datasheet
268Kb / 5P
Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias
MP1530 MPS-MP1530 Datasheet
358Kb / 15P
Triple Output Step-Up Plus Linear Regulators for TFT Bias
MP1531 MPS-MP1531 Datasheet
352Kb / 12P
Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias
logo
Global Mixed-mode Techn...
G5561A GMT-G5561A Datasheet
152Kb / 2P
Quad-Output TFT LCD Bias DC-DC Converter
logo
Monolithic Power System...
EVQ1530 MPS-EVQ1530 Datasheet
367Kb / 7P
Triple Output TFT Bias Converter EV Board AEC-Q100 Qualified
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com