Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1541 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP1541
Description  1.3MHz Low Power Boost Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1541 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP1541 Datasheet HTML 1Page - Monolithic Power Systems MP1541 Datasheet HTML 2Page - Monolithic Power Systems MP1541 Datasheet HTML 3Page - Monolithic Power Systems MP1541 Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EV0077 (MP1541) 1.3MHz LOW POWER BOOST CONVERTER
EVALUATION BOARD - INITIAL RELEASE
NOTICE:
MPS believes the information in this document to be accurate and reliable. However, it is subject to change without
notice. Contact MPS for current specifications. MPS encourages users of its products to ensure that third party Intellectual
Property rights are not infringed upon when integrating MPS products into any application. MPS cannot assume any legal
responsibility for any said applications.
EV0077 (MP1541) Rev. 1.0
Monolithic Power Systems, Inc.
4
6/10/04
983 University Avenue, Building A, Los Gatos, CA 95032 USA
© 2004 MPS, Inc.
Tel: 408-357-6600
♦ Fax: 408-357-6601 ♦ www.MonolithicPower.com
QUICK START GUIDE
The output voltage of this board is set to 12V. The board layout accommodates most commonly used
inductors and output capacitors.
1. Preset Power Supply to 2.5V
≤ VIN ≤ 6V.
2. Turn Power Supply off.
3. Connect Power Supply terminals to:
a. Positive (+): VIN
b. Negative (–): GND
4. Connect Load to:
a. Positive (+): VOUT
b. Negative (–): GND
5. Turn Power Supply on after making connections.
6. The MP1541 is automatically enabled on the evaluation board once VIN is applied. To disable
the MP1541, connect the EN pin to ground.
7. The output voltage VOUT can be changed by varying R3. Calculate the new value using the
fomula:
4
R
1
V
V
3
R
FB
OUT
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
where VFB = 1.25V and R4 = 11.8k Ω
For example, for VOUT = 8V
Ω
=
Ω
×
⎟
⎠
⎞
⎜
⎝
⎛
−
=
k
72
.
63
k
8
.
11
1
V
25
.
1
V
8
3
R
Therefore use a 63.4k
Ω standard 1% value.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com